Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MORPHS Datasheet(PDF) 1 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MORPHS
Description  Slap Fingerprint Scanner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MORPHS Datasheet(HTML) 1 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MORPHS Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MORPHS Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MORPHS Datasheet HTML 3Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Slap Fingerprint Scanner
MORPHS
www.mantratec.com
MANTRA
IP65 Water and dust protected rugged casing
& platen covered by safety cover
Device can perform indirect or direct sun - light condition (approx 100K Lux)
Captured image quality certified by FBI's IAFIS Appendix-F
& Mobile ID FAP60
Excellent imaging performance with dusty conditions; and dry or dirty fingers, even when
fingerprint surface is stained by ink
Benefits
WHQL certified Device Driver
Better User Interface by
LED Indicators
Supports Flat Capture
USB 2.0, USB-IF Certified
Scratch-Free Surface
FBI Appendix Certified
FBI
BIOMETRIC
CENTER OF EXCELLENCE
Water
& Dust Protected
Rugged Casing
Under Direct Sunlinght
up to 100K LUX
Interchange
Biometric standard


Similar Part No. - MORPHS

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
MORPH-IC-II FTDI-MORPH-IC-II Datasheet
1Mb / 30P
ASIC prototyping using USB connectivity to FPGA
More results

Similar Description - MORPHS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
Fingerprint Sensor
logo
Pepperl+Fuchs Inc.
FLT-8-HW-2800-CLS PF-FLT-8-HW-2800-CLS Datasheet
868Kb / 5P
Area scanner
VB14N-600-T PF-VB14N-600-T Datasheet
1Mb / 5P
Barcode scanner
logo
Mantra Softech India Pv...
MAPRO-OX MANTRA-MAPRO-OX Datasheet
476Kb / 2P
Slick Fingerprint Scanner
MARC10 MANTRA-MARC10 Datasheet
1Mb / 3P
Slick Capacitive Fingerprint Scanner
MFS100 MANTRA-MFS100 Datasheet
506Kb / 2P
OPTICAL FINGERPRINT SENSOR
MFS110 MANTRA-MFS110 Datasheet
345Kb / 3P
L1 Fingerprint Scanner
MFS500 MANTRA-MFS500 Datasheet
320Kb / 2P
Optical Fingerprint Scanner
logo
Hangzhou Grow Technolog...
R307 GROW-R307 Datasheet
604Kb / 24P
Fingerprint Module User Manual
Feb 2011 Ver: 1.20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com