Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MORPHS Datasheet(PDF) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MORPHS
Description  Slap Fingerprint Scanner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MORPHS Datasheet(HTML) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MORPHS Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MORPHS Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MORPHS Datasheet HTML 3Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
z
MORPHS is a unique & portable ten-print fingerprint capture device used to capture multi
fingerprints. The device is ideal for delivering fast, accurate and reliable fingerprint capture
results for biometric verification, identification and enrollment applications including
indirect or direct sunlight; dusty conditions; and dry or dirty fingers. MORPHS is Appendix F
and mobile ID FAP 60 certified. The FBI certification ensures that the reader meets stringent
image quality conditions and interoperability standards to work with Automated Fingerprint
Information System (AFIS) systems. MORPHS is widely used for enrolling citizens by local or
central government organizations, UID-Aadhaar, NPR, National ID projects, World Bank and
UNESCO schemes. Additionally, an ergonomic design combined with an easy-to-integrate
SDK architecture makes MORPHS the perfect choice for system integrators and solution
providers.
www.mantratec.com
MANTRA
At a Glance
Slap Fingerprint Scanner
MORPHS
Fingerprint Sensor Type
Pixel Resolution
Platen Area
Capturing Format
: Optical Scratch Free Sensor
: 500 DPI +/- 1%
: 3.5 x 3.2 in. (90 x 81 mm)
: Flat Four fingers
& Two thumbs
Parameters
Specification
Sensor
Active Platen Area
Finger Image Pixels
Pixel Depth
Capturing Speed
Capture mode
: 3.2 x 3.0 Inch (81.2 x 76.2 mm)
: 1600 x 1500 Pixels
: 8 Bits/Pixel (256 Gray Level)
: 3.3 F
: Auto capture with built-in quality check
(incorporates NIST quality considerations)
Hardware
Interface
Operating Voltage
Current Consumption
Operating Temperature
: USB 2.0, USB-IF certified
: 5V +/- 5% (USB Powered Device)
: Operating : < 350 mA (Max)
& Stand By : <80 mA (Max)
: 0 to 50 °C
Operating Humidity
ESD protection
: 10-90% RH, non-condensing
: Contact Discharge: +/- 4kV, Air Discharge: +/- 8kV
Parameters
Specification
LED Indicators
: Power, Status, and fingerprint image quality
Dimension
Weight
: 173 x 147 x 121 mm
: 3.6 lbs (1.6 kg)
* Certication under process



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com