Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5100UP Datasheet(PDF) 2 Page - Belden Inc.

Part # 5100UP
Description  Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5100UP Datasheet(HTML) 2 Page - Belden Inc.

  5100UP Datasheet HTML 1Page - Belden Inc. 5100UP Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental Suitability:
Indoor (Not Riser or Plenum), Indoor
Flammability / Reaction to Fire:
UL 1685 UL loading , IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 725, CL3
European Directive Compliance:
EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
History
Update and Revision:
Revision Number: 0.489 Revision Date: 04-13-2023
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC
Footnote
5100UP 010500
Black
Reel
500 ft
612825156529
5100UP 010U500
Black
UnReel
500 ft
612825433484
5100UP 0101000
Black
Reel
1,000 ft 612825156550 C
5100UP 010U1000 Black
UnReel
1,000 ft 612825156536
5100UP 010Z1000 Black
ReelTuff Box 1,000 ft 612825156611
5100UP 008U500
Gray
UnReel
500 ft
612825156505
5100UP 0081000
Gray
Reel
1,000 ft 612825156451 C
5100UP 008U1000 Gray
UnReel
1,000 ft 612825156468
5100UP 005500
Green, Dark Reel
500 ft
612825156413
5100UP 005U500
Green, Dark UnReel
500 ft
612825156475
5100UP 0051000
Green, Dark Reel
1,000 ft 612825156444
5100UP 005U1000 Green, Dark UnReel
1,000 ft 612825156420
5100UP 009500
White
Reel
500 ft
612825156482
5100UP 009U500
White
UnReel
500 ft
612825156543
5100UP 0091000
White
Reel
1,000 ft 612825156512
5100UP 009U1000 White
UnReel
1,000 ft 612825156499
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com