Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5100UP Datasheet(PDF) 1 Page - Belden Inc.

Part # 5100UP
Description  Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5100UP Datasheet(HTML) 1 Page - Belden Inc.

  5100UP Datasheet HTML 1Page - Belden Inc. 5100UP Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 5100UP
Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
Product Description
Audio Cable, Rated-CL3, 2-14 AWG highly flexible stranded bare copper conductors with PVC insulation, PVC jacket with ripcord
Technical Specifications
Product Overview
Suitable Applications:
Security System, Intercom/PA, Audio/Speaker, Power-Limited Controls
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 2
14 AWG 42x30
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.020 in (0.51 mm) 0.115 in (2.92 mm)
Black, White
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.018 in (0.46 mm) 0.266 in (6.76 mm) Yes
Overall Cable Diameter (Nominal): 0.266 in (6.76 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Conductor(s) 2.42 Ohm/1000ft
29 pF/ft (95 pF/m)
25 Amps per conductor @ 30°C
Voltage
UL Voltage Rating
300 V (CL3)
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C to +75°C
Bend Radius
Stationary Min. Installation Min.
2.7 in (69 mm)
2.7 in (69 mm)
Max. Pull Tension:
106.6 lbs (48.35 kg)
Bulk Cable Weight:
39 lbs/1000ft
Standards and Compliance


Similar Part No. - 5100UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5100U1 BELDEN-5100U1 Datasheet
175Kb / 2P
Security & Sound, 2 Conductor 14 AWG TC, Waterblocked, CL3
12-20-2022
5100U1-0081000 BELDEN-5100U1-0081000 Datasheet
175Kb / 2P
Security & Sound, 2 Conductor 14 AWG TC, Waterblocked, CL3
12-20-2022
5100U1-0101000 BELDEN-5100U1-0101000 Datasheet
175Kb / 2P
Security & Sound, 2 Conductor 14 AWG TC, Waterblocked, CL3
12-20-2022
5100UE BELDEN-5100UE Datasheet
266Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL3R, FPLR
5100UH BELDEN-5100UH Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 14 AWG, TC, CMR
04-14-2023
More results

Similar Description - 5100UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1861A BELDEN-1861A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CMP
12-19-2022
5T00UP BELDEN-5T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, Unshielded, CL2
04-13-2023
5000UP BELDEN-5000UP Datasheet
143Kb / 2P
Audio Cable, 2 Conductor 12 AWG, BC, Unshielded, CL3
04-13-2023
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
9717 BELDEN-9717 Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
12-20-2022
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
8814WB BELDEN-8814WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, Waterblocked
04-14-2023
5002UP BELDEN-5002UP Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
5102UP BELDEN-5102UP Datasheet
147Kb / 2P
Audio Cable, 4 Conductor 14 AWG, BC, Unshielded, CM
05-01-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com