Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI10040F-R56M Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TPI10040F-R56M
Description  Power Inductor SMD (10.3 X 11.5 X 4.0mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPI10040F-R56M Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TPI10040F-R56M Datasheet HTML 1Page - Transko Electronics, Inc. TPI10040F-R56M Datasheet HTML 2Page - Transko Electronics, Inc. TPI10040F-R56M Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPI10040F SERIES
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 05
-
09
-
2018
Power Inductor SMD (10.3 X 11.5 X 4.0mm)
•
Shielded construction
•
Low acoustic noise
•
Halogen Free RoHS compliant
FEATURES
SPECIFICATION
TPI10040F-R36M
0.36
±20
1.20 (0.85)
50
32
TPI10040F-R47M
0.47
±20
2.00 (1.80)
41
25
TPI10040F-R56M
0.56
±20
2.50 (2.30)
40
22
TPI10040F-1R0M
1.0
±20
4.00 (3.90)
36
19
TPI10040F-1R5M
1.5
±20
6.50 (5.10)
20
16
TPI10040F-2R2M
2.2
±20
8.50 (7.50)
19
13
TPI10040F-3R3M
3.3
±20
11.5 (10.3)
16
11
TPI10040F-4R7M
4.7
±20
16.5 (14.5)
14
8.0
TPI10040F-5R6M
5.6
±20
23.5 (17.6)
12
8.0
TPI10040F-6R8M
6.8
±20
25.5 (21.2)
11
7.5
TPI10040F-8R2M
8.2
±20
31.0 (28.5)
10
7.0
TPI10040F-100M
10
±20
42.0 (37.5)
8
5.0
TPI10040F-150M
15
±20
70.0 (60.0)
7
5.0
TPI10040F-220M
22
±20
92.0 (85.0)
6
3.5
TPI10040F-330M
33
±20
150 (125)
4
3.0
TPI10040F-470M
47
±20
191 (170)
3
3.0
TPI10040F-680M
68
±20
340 (280)
3
2.5
DC Resistance (mΩ)
Rated DC Current (A) Typ.
Part No.
Inductance (µH)
Tolerance (%)
Max. (Typ.)
•
Measurement frequency of Inductance value : at 100KHz, 0.25V
•
Test equipment: CH1062A / CH1320
DIMENSION
SOLDER PATTERN
SCHEMATIC
A
B
C
D
E
G
H
I
10.30 Max
11.50 Max
4.00 Max
R36~R56: 3.00 ±0.5
1R0~680: 4.10 ±0.3
2.00 Ref
12.00 Ref
4.60 Ref
5.00 Ref
mm
XXX
XXXX


Similar Part No. - TPI10040F-R56M

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPI100-112A-J TRACOPOWER-TPI100-112A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-115A-J TRACOPOWER-TPI100-115A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-124A-J TRACOPOWER-TPI100-124A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-128A-J TRACOPOWER-TPI100-128A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-136A-J TRACOPOWER-TPI100-136A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
More results

Similar Description - TPI10040F-R56M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN251RBR PANASONIC-LN251RBR Datasheet
50Kb / 2P
4.0mm X 2.0mm SERIES
logo
MMD Components
SXXBA1 MMD-SXXBA1 Datasheet
76Kb / 1P
4.0mm X 2.5mm SMD Package
logo
Fox Electronics
C4BS FOX-C4BS Datasheet
218Kb / 3P
4.0mm x 2.5mm Ceramic SMD Crystal
logo
Transko Electronics, In...
HC49SMD TRANSKO-HC49SMD Datasheet
159Kb / 1P
STANDARD HC49/SMD CRYSTAL (11.5 x 4.75 x 3.5mm)
Rev. 2: 10-10-19
TMPIC05030F TRANSKO-TMPIC05030F Datasheet
1Mb / 4P
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
Rev 1: 02-06-2018
TPI07030F TRANSKO-TPI07030F Datasheet
549Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 1: 02-14-2018
TPRH6D38F TRANSKO-TPRH6D38F Datasheet
745Kb / 3P
Power Inductor SMD (6.7 X 6.7 X 4.0mm)
Rev 2: 10-22-2019
TRSI5040F TRANSKO-TRSI5040F Datasheet
729Kb / 3P
Resin Shielded Inductor SMD (5.0 X 5.0 X 4.0mm)
Rev 2: 11-04-2019
TVCO TRANSKO-TVCO Datasheet
555Kb / 4P
SMD VOLTAGE CONTROLLED OSCILLATOR (12.8 X 12.8 X 4.0MM)
TX-G TRANSKO-TX-G Datasheet
489Kb / 2P
TCXO/VCTCXO 6PAD SMD PACKAGE (11.4 x 11.6 x 4.0mm)
Rev. 1: Dec. 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com