Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPQH252012HF-R Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TPQH252012HF-R
Description  Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPQH252012HF-R Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TPQH252012HF-R Datasheet HTML 1Page - Transko Electronics, Inc. TPQH252012HF-R Datasheet HTML 2Page - Transko Electronics, Inc. TPQH252012HF-R Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPQH252012HF-R
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 03-07-2019
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
FEATURES
•
Miniature Package
•
Low DCR
•
Low Profile
•
Halogen Free RoHS compliant
•
Resin Shielded (-R)
SPECIFICATION
TPQH252012HF-R47__R
0.47
0.040
4.0
3.30
TPQH252012HF-1R0__R
1.0
0.065
3.0
2.90
TPQH252012HF-1R5__R
1.5
0.070
2.5
2.40
TPQH252012HF-2R2__R
2.2
0.120
2.1
1.90
TPQH252012HF-4R7__R
4.7
0.350
1.2
1.10
TPQH252012HF-100__R
10
0.680
0.8
0.65
TPQH252012HF-150__R
15
1.050
0.7
0.50
DC Resistance
Rated DC Current (A) Typ.
Part No.
Inductance (µH)
(Ω Max)
•
Inductance tolerance option after inductance value: M: ±20%; N:±30% Example: TPQH252012HF-2R2MR
•
Measurement frequency of Inductance value : 1MHz, 0.1V
•
Test Equipment: CH3302; CH1320
A
B
C
D
E
G
H
L
2.50±0.30
2.00 ±0.30
1.20 Max
0.85 Ref
0.80 Ref
0.80 Ref
2.20 Ref
2.70 Ref
mm
DIMENSION
SOLDER PATTERN
SCHEMATIC


Similar Part No. - TPQH252012HF-R

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TPQH201610TF-100M-R TRANSKO-TPQH201610TF-100M-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPQH201610TF-1R0M-R TRANSKO-TPQH201610TF-1R0M-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPQH201610TF-1R5M-R TRANSKO-TPQH201610TF-1R5M-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPQH201610TF-2R2M-R TRANSKO-TPQH201610TF-2R2M-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPQH201610TF-4R7M-R TRANSKO-TPQH201610TF-4R7M-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
More results

Similar Description - TPQH252012HF-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
AWSZT-CW ABRACON-AWSZT-CW Datasheet
1Mb / 2P
2.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
2.5 x 2.0 mm SMD Crystal
logo
Transko Electronics, In...
1ZTTCW TRANSKO-1ZTTCW Datasheet
401Kb / 1P
CERAMIC RESONATORS (2.0 X 2.5 X 1.2 / 0.55 mm)
Rev. 1: Jul. 2014
T4FC2012F TRANSKO-T4FC2012F Datasheet
1Mb / 5P
Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
Rev 1: 05-09-2018
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT03020F TRANSKO-TMPIT03020F Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com