Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI13067F-R56M Datasheet(PDF) 7 Page - Transko Electronics, Inc.

Part # TPI13067F-R56M
Description  Power Inductor SMD (12.90 X 14.00 X 6.70 mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPI13067F-R56M Datasheet(HTML) 7 Page - Transko Electronics, Inc.

  TPI13067F-R56M Datasheet HTML 1Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 2Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 3Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 4Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 5Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 6Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 7Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TPI13067F SERIES
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 05
-
09
-
2018
1.Operating temperature range
-55 TO + 125°C (Includes temperature when the coil is heated)
2. External appearance
On visual inspection, the coil has no external defects.
3. Terminal strength
After soldering. Between copper plate and terminals of coil. Push in two directions of X.Y
withstanding at below conditions.
Terminal should not peel off. (refer to figure at right)
5.0N 60 sec.
4. Insulating resistance
Over 100MΩ at 100V D.C. between coil and core.
5. Dielectric strength
No dielectric breakdown at 100V D.C. for 1 minute between coil and core.
6. Temperature characteristics
Inductance coefficient (0~2,000)x10-
6 /°C (
-25~+80°C)
inductance deviation within ±5.0%, after 96 hours
7. Humidity characteristics (Moisture Resistance)
Inductance deviation within ±5%, after 96 hours in 90~95% relative humidity at 40 ±2°C
and 1 hour drying under normal condition.
8. Vibration resistance
Inductance deviation within ±5%, after vibration for 1 hour. In each of three orientations at
sweep vibration (10~55~10 Hz) with 1.5mm P-P amplitudes.
9. Shock resistance
Inductance deviation within ±5%, after being dropped once with 981m/s
2 (100G) shock
attitude upon a rubber block method shock testing machine, in three different orientations.
10. Resistance to Soldering Heat: 260°C, 10 seconds (See recommend reflow)
11. Storage environment
Temperature: 0°C~35°C; -55°C~125°C (after mounting on PCB)
Humidity Range: 50% ~ 70% RH
12. Use components within 12 months.
If 12 months or more have elapsed, check solderability before use.
RELIABILITY TEST
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
LEAD-FREE HEAT ENDURANCE TEST
LEAD-FREE RECOMMENDED REFLOW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com