Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI13067F-R56M Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TPI13067F-R56M
Description  Power Inductor SMD (12.90 X 14.00 X 6.70 mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPI13067F-R56M Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TPI13067F-R56M Datasheet HTML 1Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 2Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 3Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 4Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 5Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 6Page - Transko Electronics, Inc. TPI13067F-R56M Datasheet HTML 7Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPI13067F SERIES
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 05
-
09
-
2018
Power Inductor SMD (12.90 X 14.00 X 6.70 mm)
•
Shielded construction
•
Low acoustic noise
•
Halogen Free RoHS compliant
FEATURES
SPECIFICATION
TPI13067F-R10N
0.10
±30
0.50 (0.25)
80.0
60.0
TPI13067F-R22M
0.22
±20
0.70 (0.45)
75.0
53.0
TPI13067F-R30M
0.30
±20
0.80 (0.50)
72.0
48.0
TPI13067F-R33M
0.33
±20
0.80 (0.51)
65.0
46.0
TPI13067F-R40M
0.40
±20
1.00 (0.60)
64.0
44.0
TPI13067F-R47M
0.47
±20
1.20 (0.75)
63.0
41.0
TPI13067F-R56M
0.56
±20
1.40 (0.90)
62.0
37.0
TPI13067F-R68M
0.68
±20
1.60 (1.00)
51.0
35.0
TPI13067F-R82M
0.82
±20
1.90 (1.55)
50.0
33.0
TPI13067F-1R0M
1.0
±20
2.00 (1.85)
49.0
32.0
TPI13067F-1R2M
1.2
±20
2.50 (2.30)
45.0
30.0
TPI13067F-1R5M
1.5
±20
3.00 (2.30)
40.0
25.0
TPI13067F-2R2M
2.2
±20
4.20 (3.50)
33.0
22.0
TPI13067F-3R3M
3.3
±20
6.80 (5.50)
29.0
18.0
TPI13067F-4R7M
4.7
±20
11.20 (9.80)
25.0
13.5
TPI13067F-5R6M
5.6
±20
11.50 (10.50)
21.0
12.0
TPI13067F-6R8M
6.8
±20
14.90 (13.80)
16.5
11.5
TPI13067F-8R2M
8.2
±20
16.60 (15.10)
16.0
10.5
TPI13067F-100M
10.0
±20
18.50 (17.50)
15.5
10.0
TPI13067F-150M
15.0
±20
32.00 (27.50)
11.0
7.0
TPI13067F-220M
22.0
±20
45.00 (35.00)
8.0
5.0
TPI13067F-330M
33.0
±20
82.00 (72.00)
7.0
4.5
TPI13067F-470M
47.0
±20
90.00 (85.00)
5.5
4.0
TPI13067F-680M
68.0
±20
172.00 (160.00)
6.0
3.0
DC Resistance (mΩ)
Rated DC Current (A) Typ.
Part No.
Inductance (µH)
Tolerance (%)
Max. (Typ.)
•
Measurement frequency of Inductance value : at 100KHz, 0.25V
•
Test equipment: CH1062A / CH1320
DIMENSION
SOLDER PATTERN
SCHEMATIC
A
B
C
D
E
G
H
I
12.90 Max
14.00 Max
6.70 Max
R10~1R5: 4.00 ±0.5
2R2: 3.00 ±0.5
3R3~680: 4.70 ±0.3
2.40 Ref
14.00 Ref
5.15 Ref
7.60 Ref
mm
XXX
XXXX


Similar Part No. - TPI13067F-R56M

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPI100-112A-J TRACOPOWER-TPI100-112A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-115A-J TRACOPOWER-TPI100-115A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-124A-J TRACOPOWER-TPI100-124A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-128A-J TRACOPOWER-TPI100-128A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-136A-J TRACOPOWER-TPI100-136A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
More results

Similar Description - TPI13067F-R56M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT04020AF TRANSKO-TMPIT04020AF Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0403BF TRANSKO-TP0403BF Datasheet
655Kb / 3P
Power Inductor SMD (4.50 X 4.00 X 3.20 mm)
Rev 1: 03-05-2019
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPOS3316F TRANSKO-TPOS3316F Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com