Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPQH201610TF-100M-R Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TPQH201610TF-100M-R
Description  Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPQH201610TF-100M-R Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TPQH201610TF-100M-R Datasheet HTML 1Page - Transko Electronics, Inc. TPQH201610TF-100M-R Datasheet HTML 2Page - Transko Electronics, Inc. TPQH201610TF-100M-R Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPQH201610TF-R Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 09-18-2018
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
FEATURES
•
Miniature Package
•
Low DCR
•
Low Profile
•
Halogen Free RoHS compliant
SPECIFICATION
TPQH201610TF-R24M-R
0.24 ±20%
0.030
4.10
3.90
TPQH201610TF-R47M-R
0.47 ±20%
0.042
3.10
3.00
TPQH201610TF-1R0M-R
1.0 ±20%
0.079
2.10
2.00
TPQH201610TF-1R5M-R
1.5 ±20%
0.140
1.90
1.65
TPQH201610TF-2R2M-R
2.2 ±20%
0.180
1.45
1.50
TPQH201610TF-4R7M-R
4.7 ±20%
0.400
0.90
0.90
TPQH201610TF-100M-R
10 ±20%
0.600
0.70
0.70
DC Resistance
Rated DC Current (A) Typ.
Part No.
Inductance (µH)
(Ω ±20%)
•
Measurement frequency of Inductance value : 1MHz, 1V
•
Test Equipment: CH1062A; CH1320
A
B
C
D
E
G
H
L
2.00 ±0.30
1.60 ±0.30
1.00 Max
0.60 Ref
0.80 Ref
0.70 Ref
2.00 Ref
2.30 Ref
mm
DIMENSION
SOLDER PATTERN
SCHEMATIC


Similar Part No. - TPQH201610TF-100M-R

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TPQH252012HF-100__R TRANSKO-TPQH252012HF-100__R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
TPQH252012HF-150__R TRANSKO-TPQH252012HF-150__R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
TPQH252012HF-1R0__R TRANSKO-TPQH252012HF-1R0__R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
TPQH252012HF-1R5__R TRANSKO-TPQH252012HF-1R5__R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
TPQH252012HF-2R2__R TRANSKO-TPQH252012HF-2R2__R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
More results

Similar Description - TPQH201610TF-100M-R

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
X21 EUROQUARTZ-X21 Datasheet
173Kb / 1P
2.0 x 1.6 x 0.6mm SMD
X21-W EUROQUARTZ-X21-W Datasheet
162Kb / 1P
2.0 x 1.6 x 0.6mm SMD
XO21 EUROQUARTZ-XO21 Datasheet
218Kb / 2P
2.0 x 1.6 x 0.75mm SMD HCMOS
logo
TAITIEN ELECTRONICS CO....
XO-0093-OZ-TYPE-1 TAITIEN-XO-0093-OZ-TYPE-1 Datasheet
409Kb / 1P
2.0 x 1.6 mm SMD Crystal Oscillator
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
2.0 x 1.6 mm SMD Crystal
logo
Fox Electronics
T1CN FOX-T1CN Datasheet
197Kb / 2P
2.0 x 1.6 mm TCXO / VCTCXO
logo
Transko Electronics, In...
TCFL161010MF TRANSKO-TCFL161010MF Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT03020F TRANSKO-TMPIT03020F Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com