Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPQH201610TF-100M-R Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TPQH201610TF-100M-R
Description  Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPQH201610TF-100M-R Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TPQH201610TF-100M-R Datasheet HTML 1Page - Transko Electronics, Inc. TPQH201610TF-100M-R Datasheet HTML 2Page - Transko Electronics, Inc. TPQH201610TF-100M-R Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPQH201610TF-R Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 09-18-2018
REEL DIMENSIONS (2000 pcs per reel)
mm
W1
8.00 ±0.1
I
1.75 ±0.1
F
3.50 ±0.1
P0
4.00 ±0.1
G
2.00 ±0.1
P1
4.00 ±0.1
C
3.60 ±0.1
t0
0.25 ±0.05
D
3.28 ±0.1
H
1.28 ±0.1
mm
W
178 ±1.5
D
21.0 ±0.8
C
13.0 ±0.5
T1
10.0 +1.5/-0
N
50.0 Min
T2
12.50 ±0.4
E
2.00±0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com