Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1935 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC1935
Description  BiCMOS INTEGRATED CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1935 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC1935 Datasheet HTML 9Page - Renesas Technology Corp UPC1935 Datasheet HTML 10Page - Renesas Technology Corp UPC1935 Datasheet HTML 11Page - Renesas Technology Corp UPC1935 Datasheet HTML 12Page - Renesas Technology Corp UPC1935 Datasheet HTML 13Page - Renesas Technology Corp UPC1935 Datasheet HTML 14Page - Renesas Technology Corp UPC1935 Datasheet HTML 15Page - Renesas Technology Corp UPC1935 Datasheet HTML 16Page - Renesas Technology Corp UPC1935 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet G13418EJ3V0DS00
11
µµµµ PC1935
2.
CONFIGURATION AND OPERATION OF EACH BLOCK
Figure 2-1 Block Diagram
4
13
Error amplifier
Dead time setting: 85 %
(internally fixed)
0.3 V
Output
section
PWM
comparator
SCP
comparator
OUT3
DTC3
FB3
II3
9
Error amplifier
0.3 V
Output
section
PWM
comparator
OUT2
DTC2
FB2
II2
8
Error amplifier
0.3 V
Output
section
PWM
comparator
OUT1
3
RT
FB1
II1
Oscillation
section
(common to each channel)
SQ
Q
GND
DLY
CDLY
5
1.9 V
0.63 V
1
VCC
16
14
15
12
10
11
7
6
2
VREF
Q2
Q1
Soft start
select switch
Reference
voltage
section
Under voltage
lock-out
section
Timer latch for
short-circuit
protection section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com