Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1935 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC1935
Description  BiCMOS INTEGRATED CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1935 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC1935 Datasheet HTML 17Page - Renesas Technology Corp UPC1935 Datasheet HTML 18Page - Renesas Technology Corp UPC1935 Datasheet HTML 19Page - Renesas Technology Corp UPC1935 Datasheet HTML 20Page - Renesas Technology Corp UPC1935 Datasheet HTML 21Page - Renesas Technology Corp UPC1935 Datasheet HTML 22Page - Renesas Technology Corp UPC1935 Datasheet HTML 23Page - Renesas Technology Corp UPC1935 Datasheet HTML 24Page - Renesas Technology Corp UPC1935 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet G13418EJ3V0DS00
19
µµµµ PC1935
3.5.3
Channel 3 (for inverted output)
The ON/OFF signal control method of the output oscillation of channel 3 is to input the ON/OFF signal from ON3 as
shown in Figure 3-5. The PWM converter can be turned ON/OFF by controlling the level of the DTC3 pin. However, it is
necessary to keep the level of the FB3 output high so that the timer latch does not start when the PWM converter is OFF.
In this circuit example, the FB3 output level is controlled by controlling the level of the II3 pin.
Because channel 3 supports an inverted converter, its PWM comparator logic is different from that of channels 1 and 2.
Figure 3-5 ON/OFF Control (channel 3: for inverted output)
(1) When ON3 is high: OFF status
Q31: ON
→ Q32: ON → DTC3 pin: High level → Output duty of PWM comparator: 0 %
Q33: ON
→ II3 pin: Low level → FB3 output: High level → SCP comparator output: High level → Q1 is ON.
→ Timer latch stops.
(2) When ON3 is low: ON status
Q31: OFF
→ Q32 is OFF. → C31 is charged in the sequence of [VREF → C31 → R34] → DTC3 pin voltage drops.
→ Soft start
Q33: OFF
→ II3 pin: High level → FB3 output: Low level → SCP comparator output: Low level → Q1: OFF
→ Charging CDLY starts (timer latch start).
Caution
Keep the high-level voltage of the DTC3 pin at 1.6 V or higher and the low-level voltage of the II3 pin
within 0.3 V. The maximum voltage that is applied to the II3 pin must be equal to or lower than VREF.
–
–
+
+
–
–
+
ON3
Q31
Q32
Q33
Q1
PWM comparator
SCP comparator
(common to each channel)
DTC3
R32
–VO3
VREF
CDLY
C31
FB3
DLY
R31
VREF
R34
R33
II3
0.3 V
0.63 V
Error
amplifier
To output stage
Oscillation section
(common to each channel)
(Converter
output voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com