Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPDB Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPDB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPDB Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
63
RapidIO
Figure 42. Differential Peak-to-Peak Voltage of Transmitter or Receiver
To illustrate these definitions using numerical values, consider the case where a LVDS transmitter has a common
mode voltage of 1.2 V and each signal has a swing that goes between 1.4 and 1.0 V. Using these values, the
peak-to-peak voltage swing of the signals TD, TD, RD, and RD is 400 mV. The differential signal ranges between
400 and –400 mV. The peak differential signal is 400 mV, and the peak-to-peak differential signal is 800 mV.
A timing edge is the zero-crossing of a differential signal. Each skew timing parameter on a parallel bus is
synchronously measured on two signals relative to each other in the same cycle, such as data to data, data to clock,
or clock to clock. A skew timing parameter may be relative to the edge of a signal or to the middle of two sequential
edges.
Static skew represents the timing difference between signals that does not vary over time regardless of system
activity or data pattern. Path length differences are a primary source of static skew.
Dynamic skew represents the amount of timing difference between signals that is dependent on the activity of other
signals and varies over time. Crosstalk between signals is a source of dynamic skew.
Eye diagrams and compliance masks are a useful way to visualize and specify driver and receiver performance. This
technique is used in several serial bus specifications. An example compliance mask is shown in Figure 43. The key
difference in the application of this technique for a parallel bus is that the data is source synchronous to its bus clock
while serial data is referenced to its embedded clock. Eye diagrams reveal the quality (cleanness, openness,
goodness) of a driver output or receiver input. An advantage of using an eye diagram and a compliance mask is that
it allows specifying the quality of a signal without requiring separate specifications for effects such as rise time, duty
cycle distortion, data dependent dynamic skew, random dynamic skew, etc. This allows the individual
semiconductor manufacturer maximum flexibility to trade off various performance criteria while keeping the system
performance constant.
In using the eye pattern and compliance mask approach, the quality of the signal is specified by the compliance
mask. The mask specifies the maximum permissible magnitude of the signal and the minimum permissible eye
opening. The eye diagram for the signal under test is generated according to the specification. Compliance is
determined by whether the compliance mask can be positioned over the eye diagram such that the eye pattern falls
entirely within the unshaded portion of the mask.
Serial specifications have clock encoded with the data, but the LP-LVDS physical layer defined by RapidIO is a
source synchronous parallel port so additional specifications to include effects that are not found in serial links are
required. Specifications for the effect of bit to bit timing differences caused by static skew have been added and the
eye diagrams specified are measured relative to the associated clock in order to include clock to data effects. With
the transmit output (or receiver input) eye diagram, the user can determine if the transmitter output (or receiver
input) is compliant with an oscilloscope with the appropriate software.
A V
B V
TD or RD
TD or RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com