Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPDB Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPDB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPDB Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPDB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8560CPXAPDB Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
15
Power Characteristics
TDMA or TDMB
Nibble mode
11
mW
7
Per channel
5
Notes:
1. GVDD=2.625, ECC enabled, 66% bus utilization, 33% write cycles, 10pF load on data, 10pF load on address/command, 10pF
load on clock
2. OVDD=3.465, 30pF load per pin, 54% bus utilization, 33% write cycles
3. OVDD=3.465, 25pF load per pin, 5pF load on clock, 40% bus utilization, 33% write cycles
4. VDD=1.265, OVDD=3.465
5. LVDD=2.625/3.465, 15pF load per pin, 25% bus utilization
6. Power dissipation for one TSEC only
7. OVDD=3.465, 10pF load per pin, 50% bus utilization
Table 6. Estimated Typical I/O Power Consumption (continued)
Interface
Parameter
GVDD (2.5
V)
OVDD (3.3
V)
LVDD (3.3
V)
LVDD (2.5
V)
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com