Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2807HW Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC2807HW
Description  BiCMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2807HW Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC2807HW Datasheet HTML 2Page - Renesas Technology Corp UPC2807HW Datasheet HTML 3Page - Renesas Technology Corp UPC2807HW Datasheet HTML 4Page - Renesas Technology Corp UPC2807HW Datasheet HTML 5Page - Renesas Technology Corp UPC2807HW Datasheet HTML 6Page - Renesas Technology Corp UPC2807HW Datasheet HTML 7Page - Renesas Technology Corp UPC2807HW Datasheet HTML 8Page - Renesas Technology Corp UPC2807HW Datasheet HTML 9Page - Renesas Technology Corp UPC2807HW Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet G14983EJ5V0DS
6
μPC2918, 2925, 2926
μ PC2925 (TJ = 25°C, VIN = 3.5 V, IO = 0.5 A, CIN = 0.1 μF, COUT = 10 μF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.45
2.5
2.55
V
Output Voltage
VO
3.5 V
≤ VIN ≤ 5 V, 0 A ≤ IO ≤ 1 A,
0
°C ≤ TJ ≤ 125°C
(2.375)
(2.575)
V
Line Regulation
REGIN
3.5 V
≤ VIN ≤ 16 V
6
25
mV
Load Regulation
REGL
0 A
≤ IO ≤ 1 A
7
30
mV
IO = 0 A
2
4
mA
Quiescent Current
IBIAS
IO = 1 A
20
60
mA
VIN = 2.4 V, IO = 0 A
10
30
mA
Startup Quiescent Current
IBIAS(S)
VIN = 3.0 V, IO = 1 A
80
mA
Quiescent Current Change
ΔIBIAS
3.5 V
≤ VIN ≤ 16 V, 0°C ≤ TJ ≤ 125°C
2.9
20
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
40
μ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 3.5 V
≤ VIN ≤ 9 V
45
60
dB
IO = 0.5 A
0.25
0.5
V
Dropout Voltage
VDIF
IO = 1 A, 0
°C ≤ TJ ≤ 125°C
0.7
V
VIN = 3.5 V
1.2
1.7
3.0
A
Short Circuit Current
IOshort
VIN = 16 V
1.2
A
VIN = 3.5 V
1.0
1.5
3.0
A
Peak Output Current
IOpeak
VIN = 16 V
1.1
A
Temperature Coefficient of
Output Voltage
ΔVO/ΔT
IO = 5 mA, 0
°C ≤ TJ ≤ 125°C
− 0.5
mV/
°C
Remark Values in parentheses have been measured during product design and are provided as reference values.
μ PC2926 (TJ = 25°C, VIN = 3.6 V, IO = 0.5 A, CIN = 0.1 μF, COUT = 10 μF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.548
2.6
2.652
V
Output Voltage
VO
3.6 V
≤ VIN ≤ 5 V, 0 A ≤ IO ≤ 1 A,
0
°C ≤ TJ ≤ 125°C
(2.470)
(2.678)
V
Line Regulation
REGIN
3.6 V
≤ VIN ≤ 16 V
6
25
mV
Load Regulation
REGL
0 A
≤ IO ≤ 1 A
7
30
mV
IO = 0 A
2
4
mA
Quiescent Current
IBIAS
IO = 1 A
20
60
mA
VIN = 2.4 V, IO = 0 A
10
30
mA
Startup Quiescent Current
IBIAS(S)
VIN = 3.0 V, IO = 1 A
80
mA
Quiescent Current Change
ΔIBIAS
3.6 V
≤ VIN ≤ 16 V, 0°C ≤ TJ ≤ 125°C
2.9
20
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
40
μ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 3.6 V
≤ VIN ≤ 9 V
45
60
dB
IO = 0.5 A
0.25
0.5
V
Dropout Voltage
VDIF
IO = 1 A, 0
°C ≤ TJ ≤ 125°C
0.7
V
VIN = 3.6 V
1.2
1.7
3.0
A
Short Circuit Current
IOshort
VIN = 16 V
1.2
A
VIN = 3.6 V
1.0
1.5
3.0
A
Peak Output Current
IOpeak
VIN = 16 V
1.1
A
Temperature Coefficient of
Output Voltage
ΔVO/ΔT
IO = 5 mA, 0
°C ≤ TJ ≤ 125°C
− 0.5
mV/
°C
Remark Values in parentheses have been measured during product design and are provided as reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com