Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2807HW Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC2807HW
Description  BiCMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2807HW Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC2807HW Datasheet HTML 2Page - Renesas Technology Corp UPC2807HW Datasheet HTML 3Page - Renesas Technology Corp UPC2807HW Datasheet HTML 4Page - Renesas Technology Corp UPC2807HW Datasheet HTML 5Page - Renesas Technology Corp UPC2807HW Datasheet HTML 6Page - Renesas Technology Corp UPC2807HW Datasheet HTML 7Page - Renesas Technology Corp UPC2807HW Datasheet HTML 8Page - Renesas Technology Corp UPC2807HW Datasheet HTML 9Page - Renesas Technology Corp UPC2807HW Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet G14983EJ5V0DS
7
μPC2918, 2925, 2926
TYPICAL CHARACTERISTICS (Reference Values)
50
85
100
150
5
10
15
20
0
1.0
1.92
TA - Operating Ambient Temperature - ˚C
0
Pd vs. TA
Solid line:
PC29xxHF
Broken line:
PC29xxHB,
PC29xxT
With infinite heatsink
Without heatsink
mm
m
50
25
0
−25
−50
0
100
150
IO = 5 mA
−50
50
PC2925
PC2918
Δ
μ
μ
VO vs. TJ
TJ - Operating Junction Temperature -
°C
2.0
1.5
1.0
0.5
0
IO = 5 mA
0
1
2
3
4
5
6
7
8
IO = 0.5 A
IO = 1 A
TJ = 25˚C
VO vs. VIN ( PC2918)
VIN - Input Voltage - V
μ
50
40
30
20
10
0
0
5
10
15
20
IO = 0 A
IO = 1 A
IO = 0.5 A
TJ = 25˚C
IBIAS (IBIAS(S)) vs. VIN ( PC2918)
VIN - Input Voltage - V
μ
3.0
2.0
1.0
0
IO = 5 mA
0
1
2
3
4
5
6
7
8
IO = 0.5 A
IO = 1 A
TJ = 25˚C
VIN - Input Voltage - V
VO vs. VIN ( PC2925)
μ
50
40
30
20
10
0
0
5
10
15
20
IO = 0 A
IO = 1 A
IO = 0.5 A
TJ = 25˚C
IBIAS (IBIAS(S)) vs. VIN ( PC2925)
VIN - Input Voltage - V
μ
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com