Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2933A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC2933A
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2933A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC2933A Datasheet HTML 6Page - Renesas Technology Corp UPC2933A Datasheet HTML 7Page - Renesas Technology Corp UPC2933A Datasheet HTML 8Page - Renesas Technology Corp UPC2933A Datasheet HTML 9Page - Renesas Technology Corp UPC2933A Datasheet HTML 10Page - Renesas Technology Corp UPC2933A Datasheet HTML 11Page - Renesas Technology Corp UPC2933A Datasheet HTML 12Page - Renesas Technology Corp UPC2933A Datasheet HTML 13Page - Renesas Technology Corp UPC2933A Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
All trademarks and registered trademarks are the property of their respective owners.
C - 1
Revision History
μPC2933A,2905A Data Sheet
Description
Rev.
Date
Page
Summary
−
Aug 2007
−
Previous No. : G15374EJ3V0DS00
4.00
Mar 16, 2011
Throughout
Deletion of leaded products
p.4
μPC2933A Startup Quiescent Current IBIAS (s) 80 mA -> 50 mA @VIN = 3.1 V, IO = 1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com