Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2933A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC2933A
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2933A Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC2933A Datasheet HTML 1Page - Renesas Technology Corp UPC2933A Datasheet HTML 2Page - Renesas Technology Corp UPC2933A Datasheet HTML 3Page - Renesas Technology Corp UPC2933A Datasheet HTML 4Page - Renesas Technology Corp UPC2933A Datasheet HTML 5Page - Renesas Technology Corp UPC2933A Datasheet HTML 6Page - Renesas Technology Corp UPC2933A Datasheet HTML 7Page - Renesas Technology Corp UPC2933A Datasheet HTML 8Page - Renesas Technology Corp UPC2933A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
μPC2933A,2905A
Chapter Title
R03DS0029EJ0400 Rev.4.00
Page 2 of 12
Mar 16, 2011
Block Diagram
Start-up
circuit
Reference
voltage
Thermal
shut down
Error
Amp.
Drive
circuit
Saturation
protection
Safe operating
area protection
OUTPUT
GND
INPUT
Over-current
protection
Ordering Information
Part Number
Package
Output Voltage
Marking
μPC2933AHF
Isolated TO-220 (MP-45G)
3.3 V
2933A
μPC2933AHB
SC-64 (MP-3)
3.3 V
2933A
μPC2933AT
SC-63 (MP-3Z)
3.3 V
2933A
μPC2905AHF
Isolated TO-220 (MP-45G)
5.0 V
2905A
μPC2905AHB
SC-64 (MP-3)
5.0 V
2905A
μPC2905AT
SC-63 (MP-3Z)
5.0 V
2905A
Remark Tape-packaged products have the symbol -E1, or -E2 suffixed to the part number. Pb-free products have the
symbol -AZ, or -AY suffixed to the part number. Refer to the following table for details.
Part Number
Note1
Package
Package Type
μPC29xxAHF-AZ
Note2
Isolated TO-220 (MP-45G)
• Packed in envelop
μPC29xxAHB-AZ
Note2
SC-64 (MP-3)
• Packed in envelop
μPC29xxAHB-AY
Note3
SC-64 (MP-3)
• Packed in envelop
μPC29xxAT-E1-AZ
Note2
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2000 pcs/reel
μPC29xxAT-E1-AY
Note3
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2000 pcs/reel
μPC29xxAT-E2-AZ
Note2
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2000 pcs/reel
μPC29xxAT-E2-AY
Note3
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2000 pcs/reel
Notes 1. xx stands for symbols that indicate the output voltage.
2. Pb-free (This product does not contain Pb in the external electrode.)
3. Pb-free (This product does not contain Pb in the external electrode, Sn100% plating.)
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com