Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM20G Datasheet(PDF) 1 Page - T-Global Technology

Part # PCM20G
Description  PCM20G Phase Change Material
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

PCM20G Datasheet(HTML) 1 Page - T-Global Technology

  PCM20G Datasheet HTML 1Page - T-Global Technology PCM20G Datasheet HTML 2Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCM20G
Phase Change Material
Version 1.150318
Phase Change Material
PCM20G phase change thermal interface materials are designed to fill air gaps
and voids between between heat sources and heatsinks, while at the same time
displacing entrapped air between surfaces. PCM20G is a solid at room temperature
for ease of manufacture and changes phase at the working temperature to give a low
thermal impedance. PCM20G is available in a wide range of formats, such as standard
sheets and custom die cuts depending on the end application.
Features
Naturally tacky and easy to use
Low thermal resistance
Long term reliability
Good thermal conductivity
Customized parts
Maximize the contact area between surfaces
Applications
Electronic components: IC, CPU, MOS
LED, M/B, P/S, Heat Sink
LCD, TV, Notebook PC, PC Telecom Device, Wireless Hub, etc.
DDR II Module, DVD Applications, Hand-set applications, etc.
Properties
REACH Compliant
ROHS Compliant
T-Global Technology Limited
1 & 2 Cosford Business Park, Central Park,
Lutterworth, Leicestershire LE17 4QU U.K.
Tel: +44 (0)1455 553 510
Email: sales@tglobaltechnology.com
Web: www.tglobaltechnology.com
Skype: tglobal.technology
VAT #: GB 116 662 714
Property
PCM20G
Unit
Test Method
Colour
Grey
-
-
Carrier
-
-
-
Thermal Conductivity
2
W/mK
ASTM D5470
Thermal Impedance
0.035
°C in²/W
ASTM D5470
Phase Changing Temperature
50 ~ 60
°C
-
Density
1.2
g/cm³
-
Thickness
0.13 / 0.18 / 0.20 /
0.25
mm
-
Storage temperature
< 40
°C
-
Operating Temperature
-45 ~ 125
°C
-
Shelf Life
12
Months
-
Thermal Impedance vs Pressure vs Deflection
Data


Similar Part No. - PCM20G

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
PCM200/100XT FIBOX-PCM200/100XT Datasheet
74Kb / 3P
Enclosure. PC
08.08.2022
PCM200/150T FIBOX-PCM200/150T Datasheet
71Kb / 3P
Enclosure. PC
09.08.2022
PCM200/175XG FIBOX-PCM200/175XG Datasheet
453Kb / 3P
Enclosure. PC
29.08.2022
PCM200/63G FIBOX-PCM200/63G Datasheet
72Kb / 3P
Enclosure. PC
08.08.2022
PCM200/63T FIBOX-PCM200/63T Datasheet
71Kb / 3P
Enclosure. PC
09.08.2022
More results

Similar Description - PCM20G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP0001 ETC2-LP0001 Datasheet
176Kb / 1P
Thermal interface phase change material
LP0002 ETC2-LP0002 Datasheet
224Kb / 1P
Thermal interface phase change material
logo
Wurth Elektronik GmbH &...
402150101020 WURTH-402150101020 Datasheet
210Kb / 3P
WE-PCM Phase Change Material
001.000
402116101020 WURTH-402116101020 Datasheet
210Kb / 3P
WE-PCM Phase Change Material
001.000
402150403020 WURTH-402150403020 Datasheet
210Kb / 3P
WE-PCM Phase Change Material
001.000
402116302020 WURTH-402116302020 Datasheet
210Kb / 3P
WE-PCM Phase Change Material
001.000
402030403020 WURTH-402030403020 Datasheet
207Kb / 3P
WE-PCM Phase Change Material
001.000
logo
T-Global Technology
PCM20B TGLOBAL-PCM20B Datasheet
697Kb / 2P
Phase Change Material
PCM20P TGLOBAL-PCM20P Datasheet
670Kb / 2P
PCM20P Phase Change Material
PCM20Y TGLOBAL-PCM20Y Datasheet
680Kb / 2P
PCM20Y Phase Change Material
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com