Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM20G Datasheet(PDF) 2 Page - T-Global Technology

Part # PCM20G
Description  PCM20G Phase Change Material
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

PCM20G Datasheet(HTML) 2 Page - T-Global Technology

  PCM20G Datasheet HTML 1Page - T-Global Technology PCM20G Datasheet HTML 2Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: +44 (0)1455 553 510 Email: sales@tglobaltechnology.com Web: www.tglobaltechnology.com Skype: tglobal.technology
NOTICE: The information contained herein is to the best of our knowledge true and accurate. However, since the varied conditions of potential use are beyond our
control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their own test to determine the
suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise,
except that this product shall be of standard quality, and except to the extent otherwise stated T-Global Technology Europe and North America’s invoice, quotation, or
order acknowledgment. We disclaim any and liability incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed
by the user. Furthermore, nothing contained herein shall be construed as a recommendation to use any process or to manufacture or to use any product in conflict
with existing future patents covering any product or material or its use.
Standard Weights & Dimensional Tolerance
PCM20G
Phase Change Material
Die-Cut
Thickness
Tolerances
Thickness (mm)
Tolerance (mm)
0.3
±0.03
0.5
±0.05
0.8
±0.08
1.0
±0.1
1.2
±0.12
1.5
±0.15
2.0
±0.2
2.5 - 3.5
±0.25
4.0 - 4.5
±0.3
5.0
±0.35
6.0 - 8.0
±0.4
9.0
±0.45
10.0
±0.5
>10.0
±0.5
* Data for design engineer guidance only. Observed performance varies in application. Engineers are reminded to test the material in application.
Size
Weight (gr)
Thickness (mm)
0.13
0.18
0.2
0.25
150x150
-
4.86
-
-
150x200
-
6.48
-
-
300x400
18.72
-
28.8
36
400x300
-
25.92
-
-
* All measurements in weights are in gr
** All sizes are in mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com