Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33897 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33897
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33897 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33897/A/B/C/D/T
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LOAD
LOAD Voltage Rise (8)
Normal Speed and Voltage Mode, Transmit High-
Voltage Mode, Transmit High-Speed Mode
IIN = 1.0 mA, 5.0 V ≤ VBATT ≤ 26.5 V
Sleep Mode
IIN = 7.0 mA
33897/T
IIN = 7.0 mA
(9)
33897A/B/C/D
Loss of Battery
IIN = 7.0 mA
VLDRISE
–
–
–
–
–
–
–
–
0.1
1.0
0.1
1.0
V
LOAD Leakage During Loss of Module Ground (10)
0.0 V
≤ V
BATT ≤ 18 V
33897/A/B/T
0.0 V
≤ V
BATT ≤ 18 V
33897C/D
ILDLEAK
0.0
-10
–
–
-90
10
µA
BUS
Passive Out BUS Leakage
Passive In
0.0 V
≤ V
BATT ≤ 26.5 V, -1.5 V ≤ VBUS < 0 V
Active In
0.0 V
≤ V
BATT ≤ 26.5 V, 0 V < VBUS ≤ 12.5 V
BUS Leakage During Loss of Module Ground (11)
0.0 V
≤ V
BATT ≤ 18 V
33897/A/B/T
0.0 V
≤ V
BATT ≤ 18 V
33897C/D
ILEAK
ILKAI
IBLKLOG
-5.0
-5.0
-10
0.0
–
–
–
–
5.0
5.0
10
-90
µA
High-Voltage Wake-up Mode Output High Voltage
12 V
≤ V
BATT ≤ 26.5 V, 200 Ω ≤ RL ≤ 3332 Ω
33897/T
33897A/B/C/D
5.0 V
≤ V
BATT < 12 V, 200 Ω ≤ RL ≤ 3332 Ω
VHVWUOHF
VHVWUOHO
9.7
9.9
Lesser of VBAT - 1.5 or 9.7
–
–
12.5
12.5
VBATT
V
High-Speed Mode Output High Voltage
8.0 V
≤ V
BATT ≤ 16 V, 75 Ω ≤ RL ≤ 135 Ω
VOHHS
4.2
–
5.1
V
Normal Mode Output High Voltage
6.0 V
≤ V
BATT ≤ 26.5 V, 200 Ω ≤ RL ≤ 3332 Ω
5.0 V
≤ V
BATT < 6.0 V, 200 Ω ≤ RL ≤ 3332 Ω
VNOHF
VNOHO
4.4
Lesser of VBATT - 1.6 or
4.4
–
–
5.1
Lesser of VBATT
or 5.1
V
BUS Low Voltage
5.0 V
≤ V
BATT ≤ 26.5 V, 200 Ω ≤ RL ≤ 3332 Ω
VOL
-0.2
–
0.2
V
Short Circuit BUS Output Current
Dominant State, 5.0 V
≤ V
BATT ≤ 26.5 V
IBSC
-350
–
-150
mA
Notes
8.
GMW3089V2.4 specifies the maximum load voltage rise to be 0.1 V whenever module battery is intact, including when in Sleep mode.
The maximum load voltage rise of 1.0 V in Sleep mode is a GM-approved exception to GMW3089V2.4.
9.
33897A/B/C/D remove diode drop during Sleep mode.
10.
LOAD terminal is at system ground voltage.
11.
BUS terminal is at system ground voltage
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions of -40
°C ≤ T
A ≤ 125°C, unless otherwise stated. Voltages are relative to GND unless
otherwise noted. All positive currents are into the terminal. All negative currents are out of the terminal.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com