Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33897 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33897
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33897 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33897 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Document Number: MC33897
Rev. 15.0, 10/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Single Wire CAN Transceiver
The 33897 Series provides a physical layer for digital
communications purposes using a Carrier Sense Multiple Access/
Collision Resolution (CSMA/CR) data link operating over a single
wire medium. This is more commonly referred to as Single Wire
Controller Area Network (CAN).
The 33897 Series operates directly from a vehicle's 12 V battery
system or a broad range of DC-power sources. It can operate at
either low or high (33.33 kbps or 83.33 kbps) data rates. A high-
voltage wake-up feature allows the device to control the regulator
used in support of the MCU and other logic. The device includes a
control terminal that can be used to put the module regulator into
Sleep mode. The presence of a defined wake-up voltage level on the
bus will reactivate the control line to turn the regulator and the system
back on.
The device complies with the GMW3089v2.4 General Motors
Corporation specification.
Features
• Waveshaping for Low Electromagnetic Interference (EMI)
• Detects and Automatically Handles Loss of Ground
• Worst-Case Sleep Mode Current of Only 60
µA (75 µA on the 33897T)
• Current Limit Prevents Damage Due to Bus Shorts
• Built-In Thermal Shutdown on Bus Output
• Protected Against Vehicular Electrical Transients
• Undervoltage Lockout Prevents False Data with Low Battery
• Pb-Free Packaging Designated by Suffix Code EF
SINGLE WIRE CAN
TRANSCEIVER
33897/A/B/C/D/T
D SUFFIX
EF (PB-FREE) SUFFIX
98ASB42565B
14-TERMINAL SOICN
EF (PB-FREE) SUFFIX
98ASB42564B
8-TERMINAL SOICN
ORDERING INFORMATION
Contains Lead
Pb-Free
RoHS
Temperature
Range (TA)
Package
MC33897D/R2
MC33897AD/R2
MC33897EF/R2
MC33897AEF/R2
MCZ33897EF/R2
MCZ33897TEF/R2
MCZ33897AEF/R2
*MCZ33897CEF/R2
-40°C to 125°C
14 SOICN
MC33897BEF/R2
MCZ33897BEF/R2
*MCZ33897DEF/R2
8 SOICN
*Recommended device for all new designs


Similar Part No. - 33897

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3389 ETC-3389 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
Heyco.
3389 HEYCO-3389 Datasheet
133Kb / 1P
Double D Hole Plugs
logo
Sumida Corporation
3389-T171 SUMIDA-3389-T171 Datasheet
129Kb / 1P
General Power Transformer < Pin Type: EI Series>
3389-T180 SUMIDA-3389-T180 Datasheet
129Kb / 1P
General Power Transformer < Pin Type: EI Series>
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
Quad Intelligent High-Side Switch
More results

Similar Description - 33897

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
Single Wire CAN Transceiver
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
Single Wire CAN Transceiver
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
Single Wire CAN Transceiver
December, 2015 ??Rev. 10
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
Single Wire CAN Transceiver
January, 2017 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com