Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33897B Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33897B
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897B Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33897B Datasheet HTML 1Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 2Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33897/A/B/C/D/T
DEVICE VARIATIONS
DEVICE VARIATIONS
*Recommended device for all new designs
Table 1. Device Variations
Part No.
Load Voltage Sleep
Mode
Other Significant Differences
See Page
33897
1.0 V Max
•
14-Pin Package
8
33897T
•
14-Pin Package
•
Quiescent Current in Sleep Mode, 5.0V
∠ VΒΑΤΤ ∠ 13V, Typical - 55 µA,
Max - 75
µA
•
ESD Voltage: Machine Model
±100V
6, 7, 8
33897A
0.1 V Max
•
14-Pin Package
•
Removes diode drop during Sleep Mode
•
May not detect Loss of Ground under certain module characteristics.
8
33897B
•
8-Pin Package
•
Removes diode drop during Sleep Mode
•
Does not include the CNTL terminal
•
May not detect Loss of Ground under certain module characteristics.
2, 4, 6, 7, 8 ,13, 16
*33897C
•
14-Pin Package
•
Removes diode drop during Sleep Mode
•
Effectively detects Loss of Ground
•
ESD Voltage: Human Body Model
±1500V, Machine Model ±100V
8
*33897D
•
8-Pin Package
•
Removes diode drop during Sleep Mode
•
Effectively detects Loss of Ground
•
Does not include the CNTL terminal
•
ESD Voltage: Human Body Model
±1500V, Machine Model ±100V
2, 4, 6, 7, 8 ,13, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com