Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33897B Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33897B
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897B Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33897B Datasheet HTML 2Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 9Page - Freescale Semiconductor, Inc 33897B Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33897/A/B/C/D/T
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Electrical Ratings
Supply Voltage
VBATT
-0.3 to 40
V
Input Logic Voltage
VIN
-0.3 to 7.0
V
RXD Pin Voltage
VRXD
-0.3 to 7.0
V
CNTL Pin Voltage (33897/A/C/T only)
VCNTL
-0.3 to 40
V
ESD Voltage(2)
Human Body Model
All Pins Except BUS
33897/A/B/T
33897C/D
BUS Terminal (All Pkgs)
Machine Model
33897/A/B
33897C/D/T
VESD
±2000
±1500
±4000
±200
±100
V
Thermal Ratings
Ambient Operating Temperature(3)
TA
-40 to 125
°C
Junction Operating Temperature
TJ
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Junction-to-Ambient Thermal Resistance
RθJA
150
°C/W
Peak Package Reflow Temperature During Reflow (4), (5)
TPPRT
Note 5.
°C
Notes
2.
ESD testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω),
Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
3.
When using the 8-terminal device, consider the power dissipation at a high operating voltage and maximum network loading at ambient
temperatures exceeding 85°C.
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com