Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33897D Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33897D
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897D Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33897D Datasheet HTML 3Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 4Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 5Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 6Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 7Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 8Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 9Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 10Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33897/A/B/C/D/T
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions of -40
°C ≤ T
A ≤ 125°C, unless otherwise stated. Voltages are relative to GND unless
otherwise noted. All positive currents are into the terminal. All negative currents are out of the terminal.
Characteristic
Symbol
Min
Typ
Max
Unit
GENERAL
Quiescent Current
Sleep
5.0 V
≤ V
BATT ≤ 13 V
(6)
33897/A/B/C/D
33897T
Awake with Transmitter Disabled
5.0 V
≤ V
BATT ≤ 26.5 V
Awake with Transmitter Enabled
5.0 V
≤ V
BATT ≤ 26.5 V
IQSLP
IQATDIS
IQATEN
–
–
–
–
45
55
–
–
60
75
4.0
9.0
µA
mA
mA
Undervoltage Shutdown
VBATTUV
4.0
–
5.0
V
Undervoltage Hysteresis
VUVHYS
0.1
–
0.5
V
Thermal Shutdown (7)
5.0 V
≤ V
BATT ≤ 26.5 V
TSD
150
–
190
°C
Thermal Shutdown Hysteresis (7)
5.0 V
≤ V
BATT ≤ 26.5 V
TSDHYS
10
–
20
°C
LOGIC I/O, MODE0, MODE1, TXD, RXD
Logic Input Low Level (MODE0, MODE1, and TXD)
5.0 V
≤ V
BATT ≤ 26.5 V
VIL
–
–
0.8
V
Logic Input High Level (MODE0, MODE1, and TXD)
5.0 V
≤ V
BATT ≤ 26.5 V
VIH
2.0
–
–
V
Mode Pin Pulldown Current (MODE0 and MODE1)
Pin Voltage = 0.8 V, 5.0 V
≤ V
BATT ≤ 26.5 V
IPD
10
–
50
µA
Receiver Output Low (RXD)
IIN = 2.0 mA, 5.0 V ≤ VBATT ≤ 26.5 V
VOL
–
–
0.45
V
CNTL (33897/A/C/T ONLY)
CNTL Output Low
IIN = 5.0 µA, 5.0 V ≤ VBATT ≤ 26.5 V
VOLCNTL
–
–
0.8
V
CNTL Output High
IOUT = 180 µA, 5.0 V ≤ VBATT ≤ 26.5 V
VOHCNTL
VBATT - 0.8
–
VBATT
V
Notes
6.
After tCNTLFDLY
7.
Thermal shutdown causes the BUS output driver to be disabled. Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com