Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33897D Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33897D
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897D Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33897D Datasheet HTML 12Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 13Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 14Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 15Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 16Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 17Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 18Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 19Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33897/A/B/C/D/T
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
The 33897/A/C/T can be used in applications where the
module includes a regulator that has the capability of going
into Sleep mode by having an Enable terminal. See Figure 9.
When the module’s regulator is in sleep mode, the module is
turned off. The module waits for a defined wake-up voltage
level on the bus. This wake-up voltage will activate the control
line, which enables the regulator and turns the module back
on. This 33897/A/C/T feature allows the module to be more
energy efficient since the current consumption is significantly
lowered when it goes into sleep mode.
Figure 9. 33897/A/C/T Typical Application Schematic
The 33897B/D do not have a control terminal to enable the
module’s regulator. See Figure 10. The 33897B/D can be
used in applications where board space is limited and there
is no need for the module to have control over its regulator via
the transceiver.
Figure 10. 33897B/D Typical Application Schematic
GND
CNTL
VBATT
LOAD
BUS
RXD
MODE0
TXD
Voltage
Regulator
33897/A/C/T
EN
VCC
MCU
10 k
Ω
2.7 k
Ω
6.49 k
Ω
1.0 k
Ω
Battery
47
µH
SWC BUS
VCC
Power
MODE1
47 pF
100 pF
Source
4.7
µF
4
100 nF
GND
VBATT
LOAD
BUS
RXD
MODE0
TXD
33897B/D
VCC
MCU
10 k
Ω
2.7 k
Ω
6.49 k
Ω
1.0 k
Ω
Battery
47
µH
SWC BUS
VCC
MODE1
47 pF
100 nF
100 pF
4.7
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com