Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR4045 Datasheet(PDF) 5 Page - Protek Devices

Part # PLR4045
Description  ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR4045 Datasheet(HTML) 5 Page - Protek Devices

  PLR4045 Datasheet HTML 1Page - Protek Devices PLR4045 Datasheet HTML 2Page - Protek Devices PLR4045 Datasheet HTML 3Page - Protek Devices PLR4045 Datasheet HTML 4Page - Protek Devices PLR4045 Datasheet HTML 5Page - Protek Devices PLR4045 Datasheet HTML 6Page - Protek Devices PLR4045 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
05548.R2 1/22
Page 5
PLR4045
ISO 9001 CERTIFIED COMPANY
package information
OuTlINE DIMENSIONS
DIM
MIllIMETERS
INChES
MIN
MAX
MIN
MAX
A
0.500
0.0197
B
2.90
3.10
0.114
0.122
C
4.67
5.08
0.184
0.200
D
2.90
3.10
0.114
0.122
E
0.81
0.91
0.032
0.036
F
0.15
0.006
G
0.18
0.28
0.007
0.011
J
0.71
0.028
K
0°
6°
0°
6°
M
0.09
0.20
0.004
0.008
N
0.43
0.64
0.017
0.025
NOTES
1. Dimensions are exclusive of mold flash and metal burrs.
PAD lAYOuT DIMENSIONS
DIM
MIllIMETERS
INChES
MIN
MAX
MIN
MAX
A
0.66 BSC
0.026 BSC
B
0.41
0.51
0.016
0.020
C
5.84
-
0.230
-
D
1.02
1.27
0.040
0.050
E
3.56
-
0.140
-
NOTES
1. Controlling dimension: inches.
D
B C
1
A
G
F
E
M
N
K
J
C
B
A
E
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com