Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR4045 Datasheet (PDF) - Protek Devices

PLR4045 Datasheet PDF - Protek Devices
Part # PLR4045
Download  PLR4045 Download
File Size   468.57 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY

PLR4045 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLR4045 Datasheet PDF - Protek Devices

Part # PLR4045
Download  PLR4045 Click to download

File Size   468.57 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY

PLR4045 Datasheet (HTML) - Protek Devices


PLR4045 Product details

Description
The PLR4045 is an ultra low capacitance steering diode/TVS array. This device is designed to protect networking
applications such as 2.5GBASE-T, T3/E3 chip-side protection as well as DVI and USB interfaces. The PLR4045 is
available in a MSOP-10 package configuration and is rated at 600 Watts peak pulse power (8/20μs waveform).
The PLR4045 meets and exceeds the IEC 61000-4-2, 61000-4-4 and IEC 61000-4-5 requirements. At higher operating
frequencies or faster edge rates, insertion loss and signal integrity are a major concern. This device in conjunction
with passive components integrated into a TVS/filter network can be used for EMI/RFI protection.

Features
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• Compatible with IEC 61000-4-4 (EFT)
• Compatible with IEC 61000-4-5 (Surge)
• 600 Watts Peak Pulse Power per Line (tp = 8/20μs)
• ESD Protection > 25 kilovolts
• Unidirectional Configuration
• Low Clamping Voltage: 20V (Max.) @ IPPM = 30A
• Protects 4 I/O ports & Power Supply
• Ultra Low Capacitance: 1.6pF (Typ.)
• RoHS Compliant
• REACH Compliant

applications
• 2.5GBASE-T
• T1/E1 & T3/E3 Chip-side Protection
• DVI Interface
• USB 2.0 Interace




Similar Part No. - PLR4045

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PLR40-1000 COPAL-PLR40-1000 Datasheet
104Kb / 2P
SLIP RINGS
More results


Similar Description - PLR4045

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
ultra low capacitance steering diode/tvs array
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
ultra low capacitance steering diode/tvs array
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com