Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB927T Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB927T
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB927T Datasheet(HTML) 1 Page - STMicroelectronics

  VB927T Datasheet HTML 1Page - STMicroelectronics VB927T Datasheet HTML 2Page - STMicroelectronics VB927T Datasheet HTML 3Page - STMicroelectronics VB927T Datasheet HTML 4Page - STMicroelectronics VB927T Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 2003
1/5
®
VB927T
HIGH VOLTAGE IGNITION COIL DRIVER
POWER I.C.
s
NO EXTERNAL COMPONENT REQUIRED
s
COIL CURRENT LIMIT INTERNALLY SET
s
INTEGRATED HIGH VOLTAGE CLAMP
s
HIGH RUGGEDNESS
s
OVERTEMPERATURE PROTECTION
DESCRIPTION
The VB927T is a monolithic high voltage integrated circuit
made by using the STMicroelectronics VIPower™
technology, which combines vertical current flow power
trilinton with a coil current and a collector voltage
clamping.
The
device
is
particularly
suitable
for
application in high performance electronic car ignition,
where coil current limitation and voltage clamping are
required.
TYPE
Vcl
Icl
Vcg(sat)
VB927T
380V
9.5A
2.5V
BLOCK DIAGRAM
TO-247
1
2
3
REFERENCE
VIN
HVC
GND
DRIVER
OVERTEMP.
PROTECTION
INPUT
HYSTERESIS
RSENSE
CURRENT
LIMITER
VOLTAGE
ORDER CODES
PACKAGE
TUBE
T&R
TO-247
VB927T
-


Similar Part No. - VB927T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB927 STMICROELECTRONICS-VB927 Datasheet
37Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Jun-1998
VB927FI STMICROELECTRONICS-VB927FI Datasheet
37Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Jun-1998
More results

Similar Description - VB927T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB029 STMICROELECTRONICS-VB029 Datasheet
88Kb / 10P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jul-1999
VB921ZVFI STMICROELECTRONICS-VB921ZVFI Datasheet
179Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Oct-2000
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
rev. A
VB326 STMICROELECTRONICS-VB326 Datasheet
193Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
Nov-2003
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Nov-2003
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Sep-2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com