Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB927T Datasheet(PDF) 3 Page - STMicroelectronics

Part # VB927T
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB927T Datasheet(HTML) 3 Page - STMicroelectronics

  VB927T Datasheet HTML 1Page - STMicroelectronics VB927T Datasheet HTML 2Page - STMicroelectronics VB927T Datasheet HTML 3Page - STMicroelectronics VB927T Datasheet HTML 4Page - STMicroelectronics VB927T Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
VB927T
THERMAL DATA
ELECTRICAL CHARACTERISTICS (VCC=14V; -40V < Tj < 125ºC unless otherwise specified)
(*) Coil data: primary resistance RC=0.4 - 0.8Ω; primary inductance LC= 6 - 8 mH
(**) Pulsed: Pulse duration =300
µs, duty cycle 1.5%
Note 1: Tjmin=150°C means that the behavior of the device will not be affected for junction temperature lower than 150°C. For higher
temperature, the thermal protection circuit will begin its action reducing the Icl limit according with the power dissipation. Chip temperature is
a function of the Rth of the whole system in which the device will be operating.
Symbol
Parameter
Value
Unit
Rthj-case
Thermal Resistance Junction-case
(MAX)
0.6
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
(MAX)
30
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ileak
Collector Cut-off Current
VIN=0V; HVC=250V
250
µA
Vcl (*)
Clamping Voltage
-40°C < Tj < 125°C
380
420
490
V
Vcg(sat)
Power Stage Saturation
Voltage
IC=5A; IIN=10mA; 25°C ≤ Tj ≤ 125°C
IC=6A; IIN=10mA; -40°C ≤ Tj ≤ 25°C
2.5
3
V
V
Icl (*)
Coil Current Limit
VIN=5V; -40°C ≤ Tj ≤ 125°C
8.5
9.5
A
IIN
Input Current
VIN=5V; IC=5A
VIN=5V; IC=5A; Tj=25°C
3
10
10
mA
mA
Vf (**)
Diode Forward Voltage
If=10A; Tj=25°C
1.2
2.2
3.2
V
VINH
Input Voltage (ON)
On state input threshold
3.2
3.6
V
VINL
Input Voltage (OFF)
Off state input threshold
3
3.4
V
VIN(hyst)
Input Voltage (Hyst.)
0.2
0.6
V
td(off)
Turn-off Time
IC=5A
30
µs
Tj
Junction Temperature Limit See note 1
150
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com