Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP5668CS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP5668CS
Description  14-Line SCSI Bus Terminators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5668CS Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP5668CS Datasheet HTML 1Page - Vishay Siliconix SIP5668CS Datasheet HTML 2Page - Vishay Siliconix SIP5668CS Datasheet HTML 3Page - Vishay Siliconix SIP5668CS Datasheet HTML 4Page - Vishay Siliconix SIP5668CS Datasheet HTML 5Page - Vishay Siliconix SIP5668CS Datasheet HTML 6Page - Vishay Siliconix SIP5668CS Datasheet HTML 7Page - Vishay Siliconix SIP5668CS Datasheet HTML 8Page - Vishay Siliconix SIP5668CS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SiP5668
Vishay Siliconix
New Product
Document Number: 73099
S-41843—Rev. A, 11-Oct-04
www.vishay.com
5
PIN CONFIGURATION AND ORDERING INFORMATION
54
21
3
6
12
10
8 7
9
11
3233
3536
34
31
25
27
2930
28
26
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
SiP5668 (SQFP-48)
Top View
T14N
T14P
T13N
T13P
T12N
T12P
T11N
T11P
T10N
T10P
T9N
T9P
T5N
T3P
T3N
T4P
T4N
T5P
T8N
T6P
T6N
T7P
T7N
T8P
ORDERING INFORMATION
Part Number
Temperature Range
Marking
SiP5668CS-TR—E3
0 to 70_C
SiP5668CS
PIN DESCRIPTION
Pin
Name
Function
1, 11, 13, 15, 17,
19, 21, 23, 25, 37,
39, 41, 43, 45, 47
TXP; X = 1...14
Positive terminator channel pins. Provide positive signal line termination in LVD operation, and are connected to GND
through low impedance in S/E operation. In HPD, DISABLE, or power off condition these pins present high
impedance to the SCSI bus.
2, 12, 14, 16, 18,
20, 22, 24,26, 38,
40, 42, 44, 46, 48
TXN; X = 1...14
Negative terminator channel pins. Provide negative signal line termination in LVD operation, and line termination for
S/E operation. In HPD, DISABLE, or power off condition these pins present high impedance to the SCSI bus.
3
TERMPWR
Power for the terminator IC. Connect to the TERMPWR lines on the SCSI bus and decouple with a 4.7-mF capacitor
to GND at the IC.
4, 5, 6, 7, 8, 9, 28,
29, 30, 31, 32, 33
H/S GND
Heat sink ground. Should be connected to as large a grounded heat sink area on the PC board as is practical.
10
REG
SCSI regulator output. Connect a 4.7-mF bypass capacitor from this pin to GND.
25
GND
Electrical ground connection for the terminator IC. Connect to the ground lines of the SCSI Bus
26, 27
S/E, LVD
Status output pins. Respective pins are high when the terminator detects the corresponding mode of operation on the
SCSI bus, and low otherwise.
34
MODE
SCSI MODE select pin. Connect to the DIFFSENS line of the SCSI bus to sense the present mode of operation on
the bus. An internal time delay filter is provided but it is recommended to decouple MODE from the DIFFSENS signal
with a 20-kW/0.1-mF anti-aliasing filter for reliable operation in noisy environments.
35
DIFFS
DIFFSENS regulator output. Connect to the DIFFSENS line of the SCSI bus to bias the mode selection function.
36
DISABLE
Chip disable. There is a small (nominal 10 mA) pull up current on this pin. Pull this pin to GND to enable bus
termination. When this pin is left floating or pulled high all SCSI channel pins present high impedance to the SCSI bus,
and the SCSI regulator and DIFFSENS regulator are both disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com