Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP5668CS Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP5668CS
Description  14-Line SCSI Bus Terminators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5668CS Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP5668CS Datasheet HTML 3Page - Vishay Siliconix SIP5668CS Datasheet HTML 4Page - Vishay Siliconix SIP5668CS Datasheet HTML 5Page - Vishay Siliconix SIP5668CS Datasheet HTML 6Page - Vishay Siliconix SIP5668CS Datasheet HTML 7Page - Vishay Siliconix SIP5668CS Datasheet HTML 8Page - Vishay Siliconix SIP5668CS Datasheet HTML 9Page - Vishay Siliconix SIP5668CS Datasheet HTML 10Page - Vishay Siliconix SIP5668CS Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SiP5668
Vishay Siliconix
New Product
Document Number: 73099
S-41843—Rev. A, 11-Oct-04
www.vishay.com
9
SE TYPICAL CHARACTERISTICS
2.5
2.6
2.7
2.8
2.9
3.0
0
1020
3040
506070
2.5
2.6
2.7
2.8
2.9
3.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
112
114
116
0
1020
3040
506070
−25.4
−24.9
−24.4
−23.9
−23.4
−22.9
−22.4
−21.9
−21.4
−20.9
0
1020
3040
506070
−25.4
−24.9
−24.4
−23.9
−23.4
−22.9
−22.4
−21.9
−21.4
−20.9
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
112
114
116
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Output Current @ 0.2 V vs. TERMPWR
Impedance vs. TERMPWR
TERMPWR (V)
Bias vs. TERMPWR
Bias vs. Temperature
Temperature (_C)
Temperature (_C)
Temperature (_C)
TERMPWR (V)
TERMPWR (V)
Impedance vs. Temperature
Output Current @ 0.2 V vs. Temperature
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com