Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221DRCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB221DRCR
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221DRCR Datasheet(HTML) 4 Page - Texas Instruments

  TS3USB221DRCR Datasheet HTML 1Page - Texas Instruments TS3USB221DRCR Datasheet HTML 2Page - Texas Instruments TS3USB221DRCR Datasheet HTML 3Page - Texas Instruments TS3USB221DRCR Datasheet HTML 4Page - Texas Instruments TS3USB221DRCR Datasheet HTML 5Page - Texas Instruments TS3USB221DRCR Datasheet HTML 6Page - Texas Instruments TS3USB221DRCR Datasheet HTML 7Page - Texas Instruments TS3USB221DRCR Datasheet HTML 8Page - Texas Instruments TS3USB221DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
Electrical Characteristics
(1)
Dynamic Electrical Characteristics
TS3USB221
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH
WITH SINGLE ENABLE
SCDS220 – NOVEMBER 2006
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3.6 V, 2.7 V,
II = –18 mA
–1.8
V
Control
IIN
VCC = 3.6 V, 2.7 V,
VIN = 0 to 3.6 V
±1
µA
inputs
VCC = 3.6 V, 2.7 V,
Switch OFF,
IOZ(3)
±1
µA
VO = 0 to 3.6 V, VI = 0,
VIN = VCC or GND
VI/O = 0 to 3.6 V
±2
IOFF
VCC = 0 V
µA
VI/O = 0 to 2.7 V
±1
VCC = 3.6 V, 2.7 V,
II/O = 0,
ICC
30
µA
VIN = VCC or GND,
Switch ON or OFF,
ICC (low power
VCC = 3.6 V, 2.7 V,
Switch disabled
1
µA
mode)
VIN = VCC or GND
(OE in high state)
VCC = 3.6 V
20
Control
One input at 1.8 V,
∆I
CC
(4)
µA
inputs
Other inputs at VCC or GND
VCC = 2.7 V
0.5
Control
Cin
VCC = 3.3 V, 2.5 V,
VIN = 3.3 V or 0
1
2
pF
inputs
VCC = 3.3 V, 2.5 V,
Switch OFF,
Cio(OFF)
3
4
pF
VI/O = 3.3 V or 0
VIN = VCC or GND
VCC = 3.3 V, 2.5 V,
Switch ON,
Cio(ON)
5
6
pF
VI/O = 3.3 V or 0
VIN = VCC or GND
VI = 0,
IO = 30 mA
6
ron(5)
VCC = 3 V, 2.3 V
Ω
VI = 2.4 V,
IO = –15 mA
6
VI = 0,
IO = 30 mA
0.2
∆r
on
VCC = 3 V, 2.3 V
Ω
VI = 1.7,
IO = –15 mA
0.2
VI = 0,
IO = 30 mA
1
ron(flat)
VCC = 3 V, 2.3 V
Ω
VI = 1.7,
IO = –15 mA
1
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over operating range, T
A = –40°C to 85°C, VCC = 3.3 V ± 10%, GND = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
XTALK
Crosstalk
RL = 50 Ω, f = 250 MHz
–40
dB
OIRR
OFF isolation
RL = 50 Ω, f = 250 MHz
–41
dB
BW
Bandwidth (–3 dB)
RL = 50 Ω
1.1
GHz
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com