Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221DRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB221DRCR
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221DRCR Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB221DRCR Datasheet HTML 1Page - Texas Instruments TS3USB221DRCR Datasheet HTML 2Page - Texas Instruments TS3USB221DRCR Datasheet HTML 3Page - Texas Instruments TS3USB221DRCR Datasheet HTML 4Page - Texas Instruments TS3USB221DRCR Datasheet HTML 5Page - Texas Instruments TS3USB221DRCR Datasheet HTML 6Page - Texas Instruments TS3USB221DRCR Datasheet HTML 7Page - Texas Instruments TS3USB221DRCR Datasheet HTML 8Page - Texas Instruments TS3USB221DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DRCPACKAGE
(TOP VIEW)
V
CC
GND
S
OE
D+
D–
2D+
2D–
1D+
1D–
1
2
3
4
5
10
9
8
7
6
APPLICATIONS
DESCRIPTION
GND
S
D+
D−
2D+
2D−
1D+
1D−
OE
RSE PACKAGE
(TOP VIEW)
VCC
1
2
3
4
5
6
7
8
9
10
ZXUPACKAGE
(TOP VIEW)
GND
S
D+
D–
2D+
2D–
1D+
1D–
OE
V
CC
A3
A2
A4
A1
B4
B1
B3
B2
C4
C3
C2
C1
TS3USB221
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH
WITH SINGLE ENABLE
SCDS220 – NOVEMBER 2006
• V
CC Operation at 2.5 V and 3.3 V
• V
IO Accepts Signals up to 5.5 V
• 1.8-V Compatible Control-Pin Inputs
• Low-Power Mode When OE Is Disabled (1 µA)
• r
on = 6 Ω Max
• ∆r
on = 0.2 Ω Typ
• C
io(on) = 6 pF Max
• Low Power Consumption (30 µA Max)
• ESD > 2000-V Human-Body Model (HBM)
• High Bandwidth (1.1 GHz Typ)
• Routes Signals for USB 1.0, 1.1, and 2.0
The
TS3USB221
is
a
high-bandwidth
switch
specially designed for the switching of high-speed
USB
2.0
signals
in
handset
and
consumer
applications, such as cell phones, digital cameras,
and notebooks with hubs or controllers with limited
USB I/Os. The wide bandwidth (1.1 GHz) of this
switch allows signals to pass with minimum edge and
phase distortion. The device multiplexes differential
outputs from a USB host device to one of two
corresponding outputs. The switch is bidirectional
and offers little or no attenuation of the high-speed
signals at the outputs. It is designed for low bit-to-bit
skew and high channel-to-channel noise isolation,
and is compatible with various standards, such as
high-speed USB 2.0 (480 Mbps).
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
DRC
Reel of 3000
TS3USB221DRCR
ZWG
–40
°C to 85°C
RSE
Reel of 3000
TS3USB221RSER
Preview
ZXU
Reel of 2500
TS3USB221ZXUR
Preview
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3USB221DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221DRCR TI-TS3USB221DRCR Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221DRCR TI-TS3USB221DRCR Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221DRCR TI1-TS3USB221DRCR Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
TS3USB221DRCR TI1-TS3USB221DRCR Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221DRCRG4 TI-TS3USB221DRCRG4 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Similar Description - TS3USB221DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_08 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_09 Datasheet
892Kb / 19P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com