Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT240 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AHCT240
Description  Octal buffer/line driver; inverting; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHCT240 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AHCT240 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHCT240 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHCT240 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHCT240 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHCT240 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHCT240 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHCT240 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHCT240 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHCT240 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
74AHCT240
Octal buffer/line driver; inverting; 3-state
Rev. 6 — 29 June 2020
Product data sheet
1. General description
The 74AHCT240 is an 8-bit inverting buffer/line driver with 3-state outputs. This device can be
used as two 4-bit buffers or one 8-bit buffer. It features two output enables (1OE and 2OE),
each controlling four of the 3-state outputs. A HIGH on nOE causes the outputs to assume a
high-impedance OFF-state. Inputs are over voltage tolerant. This feature allows the use of these
devices as translators in mixed voltage environments.
2. Features and benefits
• Balanced propagation delays
• All inputs have a Schmitt-trigger action
• Inputs accepts voltages higher than VCC
• Operates with TTL input levels
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• CDM JESD22-C101D exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74AHCT240D
-40 °C to +125 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74AHCT240PW
-40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74AHCT240BQ
-40 °C to +125 °C
DHVQFN20 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5 × 4.5 × 0.85 mm
SOT764-1


Similar Part No. - 74AHCT240

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
Octal buffer/line driver; inverting 3-state
logo
NXP Semiconductors
74AHCT240BQ NXP-74AHCT240BQ Datasheet
478Kb / 16P
Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240BQ-Q100 NEXPERIA-74AHCT240BQ-Q100 Datasheet
805Kb / 15P
Octal buffer/line driver; inverting 3-state
logo
NXP Semiconductors
74AHCT240D NXP-74AHCT240D Datasheet
478Kb / 16P
Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240D-Q100 NEXPERIA-74AHCT240D-Q100 Datasheet
805Kb / 15P
Octal buffer/line driver; inverting 3-state
More results

Similar Description - 74AHCT240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
Octal buffer/line driver; 3-state; inverting
December 1990
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
Octal buffer/line driver; inverting 3-State
1998 May 20
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
Octal buffer/line driver; inverting 3-state
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com