Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4556 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4556
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4556 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4556 Datasheet HTML 1Page - Renesas Technology Corp UPC4556 Datasheet HTML 2Page - Renesas Technology Corp UPC4556 Datasheet HTML 3Page - Renesas Technology Corp UPC4556 Datasheet HTML 4Page - Renesas Technology Corp UPC4556 Datasheet HTML 5Page - Renesas Technology Corp UPC4556 Datasheet HTML 6Page - Renesas Technology Corp UPC4556 Datasheet HTML 7Page - Renesas Technology Corp UPC4556 Datasheet HTML 8Page - Renesas Technology Corp UPC4556 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4556
HIGH PERFORMANCE DUAL DECOMPENSATED
OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G10240EJ7V0DS00 (7th edition)
Date Published March 2004 N CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
1987
DESCRIPTION
The
µPC4556 is a dual operational amplifier which features further advanced A.C. performance than that of the µPC4558.
Decompensation characteristic guarantees 20MHz gain-bandwidth product higher than 20 dB. Also featured are low input
noise and high output drive capability making this device the optimum choice for audio application.
FEATURES
• Gain bandwidth products: 20 MHz (Av ≥ 20 dB)
• High slew rate: 5 V/
µs
• Low input noise voltage: 6
µVp-p
• Internal frequency compensation (Av ≥ 20 dB)
ORDERING INFORMATION
Part Number
Package
µPC4556C
8-pin plastic DIP (7.62 mm (300))
µPC4556G2
8-pin plastic SOP (5.72 mm (225))
EQUIVALENT CIRCUIT
V+
II
IN
Q3
R2
Q1
Q5
R1
Q2
Q4
R3
R4
C1
C2
Q6
R5
Q8
Q7
Q14
Q9
Q11
Q12
Q10
Q13
Q15
R6
R7
R8
D
OUT
−
V
PIN CONFIGURATION (Top View)
PC4556C, 4556G2
1
1
2
3
4
8
7
6
5
V
+
OUT2
II2
IN2
+
II1
IN1
OUT1
V
2
+
µ
−
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com