Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4556 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC4556
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4556 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC4556 Datasheet HTML 1Page - Renesas Technology Corp UPC4556 Datasheet HTML 2Page - Renesas Technology Corp UPC4556 Datasheet HTML 3Page - Renesas Technology Corp UPC4556 Datasheet HTML 4Page - Renesas Technology Corp UPC4556 Datasheet HTML 5Page - Renesas Technology Corp UPC4556 Datasheet HTML 6Page - Renesas Technology Corp UPC4556 Datasheet HTML 7Page - Renesas Technology Corp UPC4556 Datasheet HTML 8Page - Renesas Technology Corp UPC4556 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
G10240EJ7V0DS
3
µPC4556
ELECTRICAL CHARACTERISTICS (TA = 25°C, V± =
±15 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS
≤ 10 kΩ
±0.5
±6
mV
Input Offset Current
Note 7
IIO
±5
±200
nA
Input Bias Current
Note 7
IB
180
500
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ , VO = ±10 V
20000
100000
Power Consumption
Pd
IO = 0 A
90
170
mW
Common Mode Rejection Ratio
CMR
RS
≤ 10 kΩ
70
90
dB
Supply Voltage Rejection Ratio
SVR
RS
≤ 10 kΩ
30
150
µV/V
RL
≥ 2 kΩ
±12
±14
V
Output Voltage Swing
Vom
IO =
±25 mA
±10
±11.5
V
Common Mode Input Voltage Range
VICM
±12
±14
V
Slew Rate
SR
AV
≥ 10 (20 dB)
5
V/
µs
Input Equivalent Noise Voltage
Vn
RS = 1 k
Ω, f = 1 Hz to 1 kHz
6
µVp-p
Channel Separation
f = 1 kHz
105
dB
Notes 7. Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com