Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H2AB Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC3H2AB
Description  Mini-flat Half Pitch Package, High CMR Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2AB Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC3H2AB Datasheet HTML 3Page - Sharp Corporation PC3H2AB Datasheet HTML 4Page - Sharp Corporation PC3H2AB Datasheet HTML 5Page - Sharp Corporation PC3H2AB Datasheet HTML 6Page - Sharp Corporation PC3H2AB Datasheet HTML 7Page - Sharp Corporation PC3H2AB Datasheet HTML 8Page - Sharp Corporation PC3H2AB Datasheet HTML 9Page - Sharp Corporation PC3H2AB Datasheet HTML 10Page - Sharp Corporation PC3H2AB Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Sheet No.: D2-A01101EN
0
150
100
50
−40
−20
0
20
406080
100
Ambient temperature Ta (˚C)
IF
=1mA
VCE
=5V
Fig.10 Relative Current Transfer Ratio vs.
Ambient Temperature
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
−40
−20
0
20
40
60
80
100
Ambient temperaturet Ta (˚C)
IF
=20mA
IC
=1mA
Fig.11 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
IF
=30mA
20mA
PC (max)
10mA
5mA
1mA
0
10
20
30
40
50
02468
10
Collector-emitter voltage VCE (V)
Ta
=25˚C
Fig.9 Collector Current vs. Collector-emitter
Voltage
0
100
200
300
110
100
Forward current IF (mA)
VCE
=5V
Ta
=25˚C
Fig.8 Current Transfer Ratio vs. Forward
Current
Forward voltage VF (V)
50
˚C
25
˚C
0
˚C
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
−25˚C
Ta
=75˚C
Fig.7 Forward Current vs. Forward Voltage
Pulse width
≤100µs
Ta
=25˚C
10
20
50
100
200
2 000
500
1 000
52
10−
3
52
10−
2
52
10−
2
5
1
Duty ratio
Fig.6 Peak Forward Current vs. Duty Ratio
PC3H2 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com