Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H2AB Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC3H2AB
Description  Mini-flat Half Pitch Package, High CMR Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2AB Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC3H2AB Datasheet HTML 4Page - Sharp Corporation PC3H2AB Datasheet HTML 5Page - Sharp Corporation PC3H2AB Datasheet HTML 6Page - Sharp Corporation PC3H2AB Datasheet HTML 7Page - Sharp Corporation PC3H2AB Datasheet HTML 8Page - Sharp Corporation PC3H2AB Datasheet HTML 9Page - Sharp Corporation PC3H2AB Datasheet HTML 10Page - Sharp Corporation PC3H2AB Datasheet HTML 11Page - Sharp Corporation PC3H2AB Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Sheet No.: D2-A01101EN
Remarks : Please be aware that all data in the graph
are just for reference and not for guarantee.
8
−20
−10
0
0.1
1
10
100
1 000
Frequency f (kHz)
VCE
=5V
IC
=2mA
Ta
=25˚C
RL
=10kΩ
1k
Ω
100
Ω
Fig.15 Frequency Response
10−
9
10−
8
10−
7
10−
6
10−
5
10−
4
−40
−20
0
20
406080
100
Ambient temperature Ta (˚C)
VCE
=50V
Fig.12 Collector Dark Current vs. Ambient
Temperature
td
tr
tf
ts
0.1
1.0
10.0
100.0
0.1
1
10
Load resistance RL (k
Ω)
VCE
=2V
IC
=2mA
Ta
=25˚C
Fig.13 Response Time vs. Load Resistance
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
Please refer to the conditions in Fig.13
VCE
Fig.14 Test Circuit for Response Time
IC
=0.5mA
7mA
5mA
3mA
1mA
0
1
2
3
4
5
0369
12
15
Forward current IF (mA)
Ta
=25˚C
Fig.16 Collector-emitter Saturation Voltage
vs. Forward Current
PC3H2 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com