Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2500 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 15Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 16Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 19 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
Registers
This section describes the PS2500’s registers. All register writes are programmed address first, followed
directly with data. MSBs are entered first. On power up, all register are reset to zero.
Register Map
Register Descriptions
For more information on register loading order, see “Register Loading Order” on page 9.
Main Synthesizer Registers
Figure 4: Hex0 Main Divider Register (Write only)
Table 9: PS2500 Register Map
Address
Registera
a.
All registers are write-only.
Length
(with address bits)
H0
Main divider register
16 bits
H1
Main dividend MSB register
16 bits
H2
Main dividend LSB register
16 bits
H3
Aux divider register
16 bits
H4
Aux dividend register
16 bits
H5
Reference frequency dividers register
16 bits
H6
Control register - Phase detector/Charge pumps
16 bits
H7
Control register - Power down/Multiplexer Output select
16 bits
H8
Modulation control register
16 bits
H9
Modulation data register
16 bits
Modulation data registerb - direct input
b.
No address bits are required for modulation data. Any serial data between 2 and 12 bits long is considered modulation
data.
2
≤ length ≤ 12 bits
Main Synthesizer Divider index
A3
0
1
2
3
4
5
6
7
8
9
10
11
0
A0
A1
A2
0
0
0
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com