Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2500 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 24Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 25Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 26Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 27Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 27 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
Packaging Information
Figure 14: 28-Pin EP-TSSOP
Table 11: 28-Pin EP-TSSOP Dimensions
All dimensions in millimeters (mm)
Min
Max
A
1.10
A1
0.05
0.15
A2
0.85
0.95
D
9.70 BSC
E
6.40 BSC
E1
4.30
4.50
L
0.50
0.70
P
3.5
P1
3.0
e
0.65 BSC
b
0.19
0.30
TOP VIEW
E
E1
D
b
e
1
TOP VIEW
E
E1
D
b
e
1
E
E1 E
E1
E1
D
D
b
e
1
EXPOSED PAD BOTTOM VIEW
P
P1
EXPOSED PAD BOTTOM VIEW
P
P1
P
P1
A
A2
A1
L
SIDE VIEW DETAIL
A
A2
A1
L
A
A2
A1
L
SIDE VIEW DETAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com