Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2453 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2453
Description  High Performance Quad Output Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2453 Datasheet HTML 1Page - Semtech Corporation SC2453 Datasheet HTML 2Page - Semtech Corporation SC2453 Datasheet HTML 3Page - Semtech Corporation SC2453 Datasheet HTML 4Page - Semtech Corporation SC2453 Datasheet HTML 5Page - Semtech Corporation SC2453 Datasheet HTML 6Page - Semtech Corporation SC2453 Datasheet HTML 7Page - Semtech Corporation SC2453 Datasheet HTML 8Page - Semtech Corporation SC2453 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
 2002 Semtech Corp.
www.semtech.com
SC2453
POWER MANAGEMENT
PRELIMINARY
Pin Configuration
Ordering Information
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
PT
(
e
g
n
a
R
.
p
m
e
T
J)
R
T
S
T
I
3
5
4
2
C
S8
2
-
P
O
S
S
TC
°
5
8
+
o
t
C
°
0
4
-
(28 Pin TSSOP)
Note:
Only available in tape and reel packaging. A reel
contains 2500 devices.
Top View
Marking Information
nnnn = Part Number (Example: 1406)
yyww = Date Code (Example: 0012)
xxxxx = Semtech Lot No. (Example: P94A01)
TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com