Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2453 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2453
Description  High Performance Quad Output Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2453 Datasheet HTML 4Page - Semtech Corporation SC2453 Datasheet HTML 5Page - Semtech Corporation SC2453 Datasheet HTML 6Page - Semtech Corporation SC2453 Datasheet HTML 7Page - Semtech Corporation SC2453 Datasheet HTML 8Page - Semtech Corporation SC2453 Datasheet HTML 9Page - Semtech Corporation SC2453 Datasheet HTML 10Page - Semtech Corporation SC2453 Datasheet HTML 11Page - Semtech Corporation SC2453 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
 2002 Semtech Corp.
www.semtech.com
SC2453
POWER MANAGEMENT
PRELIMINARY
Applications Information
The SC2453 is designed to control and drive two N-Chan-
nel MOSFET synchronous rectified buck and two LDOs,
one positive and the other negative. The two bucks are
synchronized and out of phase operation for low input
ripple and noise. The switching frequency is program-
mable to optimize design. The SC2453 switching regula-
tor section features lossless current sensing while it pro-
vides a programmable cycle by cycle over current limit.
The SC2453 linear sections are low dropout regulators.
The voltage for the linear controllers LDO1 and LDO2 are
programmable.
SUPPLIES
Supplies VIN, PVCC and AVCC from the input source are
used to power the SC2353. An external PNP transistor
as a linear regulator supplies AVCC and PVCC. The VIN
supply provides the bias for the Internal Reference and
UVLO circuitry. The AVCC supply provides the bias for the
oscillator, the switchers, the LDO controllers, and the
Power Good circuitry. PVCC is used to drive the low side
MOSFET gate.
START UP SEQUENCE
A 5uA current source pulls up on the SS pin. When the
SS pin reaches 0.5V, the first converter will start. The
reference input of the error amplifier is ramped up with
the soft-start signal. When the SS pin reaches 2V the SS
pin is pulled down to approximately 0.7V and the second
converter will begin to soft-start in an identical fashion
to the first converter. When the SS pin reaches 2V for
the second time, the SS pin is pulled to approximately
0.7V again and the LDOs are started. The reference of
the positive LDO is ramped with the SS pin while
the negative LDO should be soft-started externally by
ramping the positive supply of the feedback resistors.
The SS pin will then be pulled up to supply, i.e. AVCC. The
SS time is controlled by the value of the SS cap. If the
SS pin is pulled below 0.5V, the SC2453 is disabled.
The power-okay circuitry monitors the FB inputs of the
converter error amplifiers. If the voltage on these inputs
goes above 0.55V or below 0.45V then the POK pin is
pulled low. The power-okay circuitry monitors the FB in-
puts of the converter error amplifiers. If the voltage on
these inputs goes above 0.55V or below 0.45V then the
POK pin is pulled low. The POK pin is held low until the
end of the start-up sequence.
OSCILLATOR
The switching frequency of the SC2453 is set by an ex-
ternal resistor using the following formula:
fs
4
.
8
p
10
1
R
freq
•
•
=
OVER CURRENT
SC2453 monitors any voltage drop in the lower MOSFETs
Rdson voltage due to an over current condition. This
method of current sensing minimizes any unnecessary
losses due to external sense resistance.
The SC2453 utilizes an internal current source and an
external resistor connected from the ILIM pins to the
AGND pin to program a current limit level. This limit is
programmable by choosing the resistor relative to the
level required. The value of the resistor can be selected
by the following formula:
)
Rdson
*
IIim
/(
2000
lim
Ri
=
An internal comparator with a reference from the level
set by the external resistor monitors the voltage drop
across the lower MOSFET. Once the Vdson of the MOSFET
exceeds this level, the low side gate is turned on and the
upper MOSFET is turned off.
GATE DRIVERS
The low side gate driver is supplied from PVCC and pro-
vides a peak source/sink current of 1A. The high side
gate drive is also capable of sourcing and sinking peak
currents of 1A. The high side MOSFET gate drive can be
provided by an external 12V supply that is connected
from BST to GND. The actual gate to source voltage of
the upper MOSFET will approximately equal 7V (12V-VCC).
If the external 12V supply is not available, a classical
bootstrap technique can be implemented from the PVCC
supply. A bootstrap capacitor is connected from BST to
Phase while PVCC is connected through a diode (Schottky
or other fast low VF diode) to the BST. This will provide a
gate to source voltage approximately equal to the VCC-
Vdiode drop.
Shoot through control circuitry provides a 30ns dead time
to ensure both the upper and lower MOSFET will not turn
on simultaneously and cause a shoot through condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com