Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1104B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1104B
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104B Datasheet(HTML) 1 Page - Semtech Corporation

  SC1104B Datasheet HTML 1Page - Semtech Corporation SC1104B Datasheet HTML 2Page - Semtech Corporation SC1104B Datasheet HTML 3Page - Semtech Corporation SC1104B Datasheet HTML 4Page - Semtech Corporation SC1104B Datasheet HTML 5Page - Semtech Corporation SC1104B Datasheet HTML 6Page - Semtech Corporation SC1104B Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1104A/B
Simple, Synchronous
Voltage Mode PWM Controller
PRELIMINARY
.eatures
Applications
Revision 3, October 2001
Typical Application Circuit
Description
The SC1104A/B is a versatile voltage-mode PWM con-
troller designed for use in single ended DC/DC power
supply applications. A simple, fixed frequency high effi-
ciency buck regulator can be implemented using the
SC1104A/B with a minimum of external components.
Internal level shift and drive circuitry eliminates the need
for an expensive P-channel, high-side switch. The small
device footprint allows for compact circuit design.
SC1104A/B features include temperature compensated
voltage reference, triangle wave oscillator, current limit
comparator and an externally compensated error
amplifier. Current limit is implemented by sensing the
voltage drop across the top .ET’s R
DS(ON)..
The SC1104A/B operates at a fixed frequency of 300/
600 kHz, providing an optimum compromise between
efficiency, external component size, and cost. 600kHz
switching frequency is typically reserved for the 5V
operation only.
SC1104A/B has a thermal protection circuit, which is
activated if the junction temperature exceeds 150°C.
K +5V or +12V operation
K High efficiency (>90%)
K 1% Reference voltage accuracy
K Hiccup mode over current protection
K Robust output drive
K R
DS(ON) Current sensing
K Industrial temperature range
K SO-8 package
K Termination supplies
K Low cost microprocessor supplies
K Peripheral card supplies
K Industrial power supplies
K High density DC/DC conversion
Typical Distributed Power Supply
Q1
Si4884DY
Q2
Si4874DY
L1
1.5-3uH
C9
0.1
C10
220/4V
C11
220/4V
C12
220/4V
C13
220/4V
C6
47/16V
C5
47/16V
+
_
+
_
Vin 5 to 12V
3.3V
R3
1.00k
R4
2.32k
C3
0.1
C14-17
1.0
C7
47/16V
VCC
7
DL
3
DH
4
PHASE
6
COMP/SS
1
BST
5
SENSE
8
GND
2
U1
SC1104A/B
R6
1-5.1
R7
1-5.1
R1
2k
D1
MBRA130L
R2
10
C2
0.01
C4
10.0
C1
220-680pF
C8
0.1-0.22
R5
200-1k
R8
10
D2
(opt)
.igure 1


Similar Part No. - SC1104B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1104B SEMTECH-SC1104B Datasheet
285Kb / 14P
Simple, Synchronous Voltage Mode PWM Controller
More results

Similar Description - SC1104B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Semtech Corporation
SC1104A SEMTECH-SC1104A Datasheet
285Kb / 14P
Simple, Synchronous Voltage Mode PWM Controller
SC2608 SEMTECH-SC2608 Datasheet
374Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608A SEMTECH-SC2608A Datasheet
557Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608B SEMTECH-SC2608B Datasheet
1Mb / 11P
Simple, Synchronous Voltage Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com