Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9020B Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9020B
Description  Call Progress Tone Decoder & ABR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9020B Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9020B Datasheet HTML 1Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 2Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 7Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 8Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Absolute Maximum Ratings*
Supply Voltage ............................... –0.3V to 6V
Storage Temperature................. –55
°C to 150°C
Input Voltage ............... VSS–0.3V to VDD+0.3V
Operating Temperature .............. –20
°C to 75°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
—
CPT mode
2.5
—
5.5
V
ABR mode
2.0
—
5.5
V
IDD
Operating Current
5V
Functions enabled
—
—
2
mA
2.5V No load
—
—
0.8
mA
ISTB
Standby Current
2.5V
Functions disabled or
EN=1
——
1
µA
GDV
Detection Level
5V
fIN=305~640Hz
–36
—
0
dBm
2.5V ENV=1
–42
—
–8
dBm
GRL
Rejection Level
—
All frequency, ENV=0
—
—
–50
dBm
fRL
fRH
Rejection Out-band
Frequency
—V
≤ 0 dBm, ENV=0
—
800
—
200
—
Hz
tDD
Detection Signal Time
—
In-band signal input,
ENV=1
40
—
—
ms
tRD
Rejection Noise Time
—
Any signal input,
ENV=0
——
20
ms
tDH
tDL
Envelope Output
Delay Time
—
Time to output high
Time to output low
—40—
ms
tDV
Data Valid Output Time
—
Time to output high/low
1.05
1.16
1.2
sec
tSU
Data Setup Time
—
—
3
4
5
ms
tI
Interval Time
—
Internal signal
—
2.32
—
sec
tIP
Interval Pause Time
—
Internal signal
8
—
ms
tCL
Clear Time
—
—
—
250
—
ns
tST
OSC Start Up Time
—
—
—
0.8
2
sec
ZI
Input Impedance
—
fIN=200~3.4kHz
1.0
—
—
M
Ω
VREF
Reference Voltage
—
No load
2.4
2.5
2.6
V
HT9020
5
21st Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com