Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9020B Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9020B
Description  Call Progress Tone Decoder & ABR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9020B Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9020B Datasheet HTML 2Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 7Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 8Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 9Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
ZREF
Output Impedance
—
—
—
10
20
M
Ω
VIH
Logic Input High Voltage
5V
—
3.5
—
—
V
VIL
Logic Input Low Voltage
5V
—
—
—
1.5
V
IIH
Logic Input High Current
5V
VIH=5.0V
—
—
0.1
µA
IIL
Logic Input Low Current
5V
VIL=0V
–0.1
—
—
IOH
Output High Current
5V
VOH=4.5V
—
—
–0.5
mA
IOL
Output Low Current
5V
VOL=0.5V
2.0
—
—
mA
ILKH
Output Disable
Leakage Current
5V
VLKH=5.0V
—
—
0.1
µA
ILKL
5V
VLKL=0V
–0.1
—
—
µA
ISO
Pull Down Current
5V
—
—
25
35
µA
IDR
Pull Up Current
5V
—
—
25
35
µA
GDL
Detection Level
2.5V
fIN=305~640Hz
–42
—
–8
dBm
5.0V
–36
—
0
dBm
GRL
Rejection Level
5V
All frequency
—
—
–50
dBm
fROL
Rejection Out-band
Low Frequency
5V
V<0 dBm, ENV=0
—
—
200
Hz
fROH
Rejection Out-band
High Frequency
5V
V<0 dBm, ENV=0
800
—
—
Hz
tDD1
Detection Time
5V
In-band dial tone
2.1
3.32
3.0
sec
tDD2
Detection Time
5V
In-band dial tone
6.5
7.0
8.0
sec
tDB
Detection Busy Time
5V
In-band busy tone
6.8
7.5
8.2
sec
tDR
Detection Ringer Time
5V
30 Times ringback tone
(2 sec On/4 sec Off)
150
180
210
sec
tDN
Detection Time
5V
No signal
25
30.2
35
sec
tDE
Detection Enable Time
5V
—
0.2
30.2
35
sec
tTO
RELI, O Turn on Time
5V
—
80
100
120
ms
tO
ABREND Output Time
5V
—
80
100
120
ms
tB1
Break Time
(tB1+2.3sec)
5V
After a busy tone is detected 60.0
62.8
65.0
sec
tB2
5V
After no signal is detected
62.0
65.1
68.0
sec
RON
Transition on Resistor
5V
VRDLI=5.0V, VRDLO=0V
—
500
100
Ω
ROFF
Gate Output off Resistor
5V
VRDLI=0V, VRDLO=5.0V
10
—
—
M
Ω
HT9020
6
21st Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com