Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85116-3T/01 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF85116-3T/01
Description  2048 x 8-bit CMOS EEPROM with I2C-bus interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116-3T/01 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF85116-3T/01 Datasheet HTML 1Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 2Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 3Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 4Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 5Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 6Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 7Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 8Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Philips Semiconductors
PCF85116-3
2048
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 25 October 2004
4 of 21
9397 750 14217
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Device selection
[1]
The Most Significant Bit (MSB) ‘B7’ is sent first.
Fig 2.
Pin configuration.
1
2
3
4
8
7
6
5
n.c.
n.c.
n.c.
VSS
SDA
SCL
WP
VDD
PCF85116-3
002aaa284
Table 4:
Pin description
Symbol
Pin
Description
n.c.
1
not connected
n.c.
2
not connected
n.c.
3
not connected
VSS
4
negative supply voltage
SDA
5
serial data input/output (I2C-bus)
SCL
6
serial clock input (I2C-bus)
WP
7
active HIGH write-protection input
VDD
8
positive supply voltage
Table 5:
Device selection code
Selection
Device code
Chip enable
R/W
Bit
B7[1]
B6
B5
B4
B3
B2
B1
B0
Device
1010
MEM SEL 2 MEM SEL 1 MEM SEL 0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com