Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85116-3T/01 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF85116-3T/01
Description  2048 x 8-bit CMOS EEPROM with I2C-bus interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116-3T/01 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF85116-3T/01 Datasheet HTML 7Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 8Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 9Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 10Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 11Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 12Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 13Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 14Page - NXP Semiconductors PCF85116-3T/01 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Philips Semiconductors
PCF85116-3
2048
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 25 October 2004
11 of 21
9397 750 14217
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
10. Characteristics
[1]
The bus capacitance ranges from 10 to 400 pF (Cb = total capacitance of one bus line in pF).
Table 7:
Characteristics
VDD = 2.7 to 3.5 V; VSS =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
2.7
-
5.5
V
IDDR
supply current read
fSCL = 400 kHz;
VDD = 5.5 V
-
-
1.0
mA
IDDW
supply current E/W
fSCL = 400 kHz;
VDD = 5.5 V
-
-
1.0
mA
IDD(stb)
standby supply current
VDD = 2.7 V
-
-
6
µA
VDD = 5.5 V
-
-
10
µA
SDA input/output (pin 5)
VIL
LOW level input voltage
−0.8
-
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
-
+6.5
V
VOL1
LOW level output voltage
IOL = 3 mA; VDD(min)
-
-
0.4
V
VOL2
IOL = 6 mA; VDD(min)
-
-
0.6
V
ILO
output leakage current
VOH =VDD
--
1
µA
to(f)
output fall time from VIHmin to VILmax
[1]
with up to 3 mA sink current at VOL1
20 + 0.1Cb -
250
ns
with up to 6 mA sink current at VOL2
20 + 0.1Cb -
250
ns
tSP
pulse width of spikes suppressed by
filter
0
-
100
ns
Ci
input capacitance
VI =VSS
-
-
10
pF
SCL input (pin 6)
VIL
LOW level input voltage
−0.8
-
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
-
+6.5
V
ILI
input leakage current
VI =VDD or VSS
--
±1
µA
fSCL
clock input frequency
0
-
400
kHz
tSP
pulse width of spikes suppressed by
filter
0
-
100
ns
Ci
input capacitance
VI =VSS
--
7
pF
WP input (pin 7)
VIL
LOW level input voltage
−0.8
-
0.1VDD
V
VIH
HIGH level input voltage
0.9VDD
-VDD + 0.8
V
Data retention time
tS
data retention time
Tamb =55 °C
20
-
-
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com