Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P218 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 17Page - Renesas Technology Corp UPD17P218 Datasheet HTML 18Page - Renesas Technology Corp UPD17P218 Datasheet HTML 19Page - Renesas Technology Corp UPD17P218 Datasheet HTML 20Page - Renesas Technology Corp UPD17P218 Datasheet HTML 21Page - Renesas Technology Corp UPD17P218 Datasheet HTML 22Page - Renesas Technology Corp UPD17P218 Datasheet HTML 23Page - Renesas Technology Corp UPD17P218 Datasheet HTML 24Page - Renesas Technology Corp UPD17P218 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
µPD17P218
19
AC CHARACTERISTICS (Ta = –40 to +85
°C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
tCY1
VDD = 3.5 to 5.5 V
1.99
32.2
µs
CPU Clock Cycle Time
Note
(Instruction Execution Time)
tCY2
VDD = 2.2 to 5.5 V
3.98
32.2
µs
tCY3
VDD = 2.0 to 5.5 V
7.96
32.2
µs
tIOH1
VDD = 4.5 to 5.5 V
10.0
µs
INT High-Level Width
tIOH2
VDD = 2.0 to 5.5 V
50.0
µs
tIOL1
VDD = 4.5 to 5.5 V
10.0
µs
INT Low-Level Width
tIOL2
VDD = 2.0 to 5.5 V
50.0
µs
tRSL1
VDD = 4.5 to 5.5 V
10.0
µs
RESET Low-Level Width
tRSL2
VDD = 2.0 to 5.5 V
50.0
µs
Note: CPU clock cycle time (instruction execution time) is determined depending on the connected oscillation
frequency and SYSCK (RF: address 02H) in the register file.
The following figure shows CPU clock cycle time tCY characteristics versus supply voltage VDD.
5
01
2
3
4
5
6
Supply voltage VDD [V]
2
3
4
5
6
7
8
9
10
32
40
2.2 V
tCY vs VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com