Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P218 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 24Page - Renesas Technology Corp UPD17P218 Datasheet HTML 25Page - Renesas Technology Corp UPD17P218 Datasheet HTML 26Page - Renesas Technology Corp UPD17P218 Datasheet HTML 27Page - Renesas Technology Corp UPD17P218 Datasheet HTML 28Page - Renesas Technology Corp UPD17P218 Datasheet HTML 29Page - Renesas Technology Corp UPD17P218 Datasheet HTML 30Page - Renesas Technology Corp UPD17P218 Datasheet HTML 31Page - Renesas Technology Corp UPD17P218 Datasheet HTML 32Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
µPD17P218
26
APPENDIX A.
FUNCTION OF
µPD17215 SUB-SERIES PRODUCTS
2 channels
µPD17215
µPD17216
µPD17217
µPD17218
µPD17P218
ROM Capacity
4K bytes (2048 x 16) 8K bytes (4096 x 16) 12K bytes (6144 x 16) 16K bytes (8192 x 16) 16K bytes (8192 x 16)
(mask ROM)
(mask ROM)
(mask ROM)
(mask ROM)
(one-time PROM)
RAM Capacity
111 x 4 bits
223 x 4 bits
Infrared Remote Controller
Provided (without LED output)
Carrier Generator Circuit (REM)
Number of I/O Ports
20
External Interrupt (INT)
1 (rising-edge, falling-edge detection)
Timer
8-bit modulo timer : 1 channel
Basic interval timer: 1 channel
Watchdog Timer
Provided (WDOUT output)
Low-Voltage Detector
Provided (WDOUT output)
Circuit
Note
Serial Interface
None
Stack
5 levels (3 levels of multiplexed interrupts)
Item
Product
2
µs (8-MHz ceramic oscillator: high-speed mode)
4
µs (4-MHz ceramic oscillator: high-speed mode)
16
µs (1-MHz ceramic oscillator: high-speed mode)
Operation of P0C and P0D
Retain output level immediately before standby mode
in Standby Mode
Operating Voltage Range
2.2 to 5.5 V (4 MHz, high-speed mode)
Standby Function
STOP mode, HALT mode
Package
28-pin plastic SOP (375 mil)
28-pin plastic shrink DIP (400 mil)
Instruction Execution
Time
Note : Although the circuit configuration of the low-voltage detection circuit is identical, its electrical
specifications differ depending on the product.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com